Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LSHCOBGALSH2C-2R Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LSHCOBGALSH2C-2R
Description  3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHCOBGALSH2C-2R Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LSHCOBGALSH2C-2R Datasheet HTML 1Page - IC-Haus GmbH IC-LSHCOBGALSH2C-2R Datasheet HTML 2Page - IC-Haus GmbH IC-LSHCOBGALSH2C-2R Datasheet HTML 3Page - IC-Haus GmbH IC-LSHCOBGALSH2C-2R Datasheet HTML 4Page - IC-Haus GmbH IC-LSHCOBGALSH2C-2R Datasheet HTML 5Page - IC-Haus GmbH IC-LSHCOBGALSH2C-2R Datasheet HTML 6Page - IC-Haus GmbH IC-LSHCOBGALSH2C-2R Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
preliminary
preliminary
iC-LSHC
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Rev B1, Page 2/7
DESCRIPTION
The iC-LSHC photosensor is a general purpose op-
toelectronic scanner made to suit a variety of encod-
ing applications, such as rotary and linear encoders
used for motion control, robotics, brushless DC motor
commutation, power tools etc.
iC-LSHC features 12 monolithically integrated photo-
sensors with active areas of 800 µm x 330 µm each.
A high transimpedance gain of typically 4 MΩ gener-
ates output signals of a few hundret Millivolts already
from illumination levels of 0.3 to 0.7 mW/cm2. In most
cases no additional measures must be considered to
filter for noise and interferences.
Sine/cosine encoders are the typical application for
iC-LSHC. Its 3-track scanning features a set of 4 pho-
tosensors each per track, generating positive and
negative going sine signals, as well as positive and
negative going cosine signals. An excellent matching
and common mode behavior of the differential signal
paths is obtained by a paired amplifier design, re-
ducing the needs for external signal calibration to an
absolute minimum.
The spectral sensitivity range includes visible to near
infrared light, with the maximum sensitivity being
close to a wavelength of 680 nm. When using iC-
LSHC for encoder applications with typical disc and
mask codes, a signal amplitude of approximately 1 V
is typical under low light conditions, for instance when
iC-LSHC is illuminated at only 1.5 mW/cm2 by an
740 nm LED.
PACKAGES
PAD LAYOUT (2.88 mm x 3.37 mm)
PAD FUNCTIONS
No. Name Function
1 VCC
+4.5..5.5 V Supply Voltage
2 VREF Reference Voltage Output
3 PS_N N-Track Sine +
4 NS_N N-Track Sine -
5 PS_M M-Track Sine +
6 NS_M M-Track Sine -
7 PS_S S-Track Sine +
8 NS_S S-Track Sine -
9 NC_S S-Track Cosine -
10 PC_S S-Track Cosine +
11 NC_M M-Track Cosine -
12 PC_M M-Track Cosine +
13 NC_N N-Track Cosine -
14 PC_N N-Track Cosine +
15 GND
Ground
Notes: All outputs supply analog volt-
ages.
Dimension G4 is the reference radius of
the chip center.


Similar Part No. - IC-LSHCOBGALSH2C-2R

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSHC ICHAUS-IC-LSHC Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
More results

Similar Description - IC-LSHCOBGALSH2C-2R

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-LSC ICHAUS-IC-LSC Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-TW28 ICHAUS-IC-TW28 Datasheet
2Mb / 80P
   10-BIT SIN/COS INTERPOLATOR
IC-TW8 ICHAUS-IC-TW8_16 Datasheet
1Mb / 67P
   16-BIT SIN/COS INTERPOLATOR
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_14 Datasheet
527Kb / 14P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-LSC ICHAUS-IC-LSC_13 Datasheet
517Kb / 8P
   12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com