Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LSC Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-LSC
Description  -CHANNEL ACTIVE PHOTOSENSOR ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSC Datasheet(HTML) 7 Page - IC-Haus GmbH

  IC-LSC Datasheet HTML 1Page - IC-Haus GmbH IC-LSC Datasheet HTML 2Page - IC-Haus GmbH IC-LSC Datasheet HTML 3Page - IC-Haus GmbH IC-LSC Datasheet HTML 4Page - IC-Haus GmbH IC-LSC Datasheet HTML 5Page - IC-Haus GmbH IC-LSC Datasheet HTML 6Page - IC-Haus GmbH IC-LSC Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
iC-LSC
12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
Rev C1, Page 7/7
ORDERING INFORMATION
Type
Package
Options
Order Designation
iC-LSC
-
iC-LSC chip
32-pin optoQFN
5 mm x 5 mm, thickness 1.4 mm
glass lid
iC-LSC oQFN32-N5x5
14-pin optoBGA
6.2 mm x 5.2 mm
glass lid
iC-LSC oBGA LS2C
14-pin optoBGA
6.2 mm x 5.2 mm
on-chip reticle
iC-LSC oBGA LS2C-LSCxR
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (61 35) 92 92-0
Am Kuemmerling 18
Fax: +49 (61 35) 92 92-192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners


Similar Part No. - IC-LSC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSC ICHAUS-IC-LSC Datasheet
517Kb / 8P
   12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSC ICHAUS-IC-LSC_13 Datasheet
517Kb / 8P
   12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
More results

Similar Description - IC-LSC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSC ICHAUS-IC-LSC_13 Datasheet
517Kb / 8P
   12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSB ICHAUS-IC-LSB Datasheet
286Kb / 7P
   8-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSHB ICHAUS-IC-LSHB Datasheet
297Kb / 8P
   INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC Datasheet
368Kb / 7P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LSHB ICHAUS-IC-LSHB_17 Datasheet
622Kb / 9P
   INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
logo
Hamamatsu Corporation
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
   Photosensor amplifier
C2719 HAMAMATSU-C2719 Datasheet
477Kb / 6P
   Photosensor amplifier
logo
Panasonic Semiconductor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
   Reflective Photosensor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
   Reflective Photosensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com