Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LQNPTO18-4F Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-LQNPTO18-4F
Description  PULSE AND AC LIGHT SENSOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LQNPTO18-4F Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-LQNPTO18-4F Datasheet HTML 1Page - IC-Haus GmbH IC-LQNPTO18-4F Datasheet HTML 2Page - IC-Haus GmbH IC-LQNPTO18-4F Datasheet HTML 3Page - IC-Haus GmbH IC-LQNPTO18-4F Datasheet HTML 4Page - IC-Haus GmbH IC-LQNPTO18-4F Datasheet HTML 5Page - IC-Haus GmbH IC-LQNPTO18-4F Datasheet HTML 6Page - IC-Haus GmbH IC-LQNPTO18-4F Datasheet HTML 7Page - IC-Haus GmbH IC-LQNPTO18-4F Datasheet HTML 8Page - IC-Haus GmbH IC-LQNPTO18-4F Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
iC-LQNP
PULSE AND AC LIGHT SENSOR
Rev B1, Page 5/10
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = 4.5...13.2 V, R1 = 10 kΩ, CL = 20 pF, λ = 875 nm, Tj = -25...125 °C, if not otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
4.5
13.2
V
002
I(VCC)
Supply Current
E(PD) = 0
0.4
0.8
1.4
mA
E(PD)ac = 0, E(PD)pk = 0,
E(PD)cw = 30 mW/cm², no load
2
mA
003
Vs(OUT)
Output Saturation Voltage at OUT I() = -1 mA, Vs(OUT) = VCC − V(OUT)
0.5
V
004
Vs(NOUT) Output Saturation Voltage at
NOUT
I() = 1 mA
0.5
V
005
I()
Permissible Output Current in
NOUT, OUT
I(NOUT)
0
2
mA
I(OUT)
-2
0
mA
006
I0()
Output Bias Current in OUT
E(PD) = 0
-235
-105
µA
E(PD) = 0, VCC = 5 V, Tj = 27 °C
-145
µA
007
I0()
Output Bias Current in NOUT
E(PD) = 0
105
235
µA
E(PD) = 0, VCC = 5 V, Tj = 27 °C
145
µA
008
Vc()hi
Output Clamp Voltage hi
Vc()hi = V(OUT) − VCC, VCC = 0V, I() = 4 mA
0.25
0.5
1.4
V
009
Vc()lo
Output Clamp Voltage lo
I() = -4 mA
-1.4
-0.5
-0.25
V
Photodiode
101
Aph()
Radiant Sensitive Area
1
mm²
102
S(λ )max
Spectral Sensitivity
0.5
A/W
103
λar
Spectral Application Range
Se(λar ) = 0.1 × S(λ )max
500
1050
nm
Photocurrent Amplifier
201
E()cw
Permissible DC Irradiance
λ LED für S(λ )max, iC-LQNP Chip
30
mW/
cm²
202
Ev()cw
Ambient Light Susceptibility
standard illuminant A, T = 2856 K;
TO18-4F
50
mW/
cm²
TO18-4L
7
mW/
cm²
203
Ev()cw
Ambient Light Susceptibility
standard illuminant A, T = 2856 K;
TO18-4F
70
klx
TO18-4L
10
klx
204
E()pk
Permissible Peak Irradiance
|I((N)OUT)| increases or remains constant as
E()pk increases;
chip, TO18-4F
100
mW/
cm²
TO18-4L
15
mW/
cm²
205
Gpk
Pulse Light Amplification 875 nm VCC = 5 V, E(PD)pk = 35 µW/cm²,
tr = tf = 0.1 µs, twpk = 1.4 µs;
chip, TO18-4F
100
220
350
A/W
TO18-4L
700
1540
2500
A/W
206
Gpk
Pulse Light Amplification 850 nm see 205;
chip, TO18-4F
250
A/W
TO18-4L
1800
A/W
207
t()
Output Current Delay
see 205, |I((N)OUT)|: 0 → 50% peak value
1.5
µs
208
trec
Recovery Time
see 205,
settled better 10% to initial quiescent point
15
µs
209
trec
Power Flash Recovery Time
E(PD)pk = 35 mW/cm², twpk = 100 µs
60
µs
210
Gac
AC Light Amplification
f = fc, E(PD)ac = 35 µW/cm²;
Chip, TO18-4F
400
A/W
TO18-4L
2800
A/W
211
fc
Bandpass Center Frequency
Rl = 1 kΩ, CL = 20 pF
140
kHz
Rl = 10 kΩ, CL = 20 pF
120
kHz
212
fhc
Upper Cut-off Frequency (-3 dB)
R1 = 1 kΩ, CL = 20 pF
400
kHz
R1= 10 kΩ, CL = 20 pF
360
kHz


Similar Part No. - IC-LQNPTO18-4F

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LQNP ICHAUS-IC-LQNP Datasheet
507Kb / 11P
   PULSE AND AC LIGHT SENSOR
IC-LQNP ICHAUS-IC-LQNP_16 Datasheet
507Kb / 11P
   PULSE AND AC LIGHT SENSOR
More results

Similar Description - IC-LQNPTO18-4F

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LQNP ICHAUS-IC-LQNP_16 Datasheet
507Kb / 11P
   PULSE AND AC LIGHT SENSOR
logo
List of Unclassifed Man...
MKP375 ETC2-MKP375 Datasheet
1Mb / 54P
   AC and Pulse
logo
Renesas Technology Corp
OB1203 RENESAS-OB1203 Datasheet
1Mb / 72P
   Heart Rate, Blood Oxygen Concentration, Pulse Oximetry, Proximity, Light and Color Sensor
July 22, 2022
logo
ELMOS Semiconductor AG
E527.04 ELMOS-E527.04 Datasheet
168Kb / 2P
   Rain and Light Sensor
logo
Mallory Sonalert Produc...
ZT028LAFP1R MSPI-ZT028LAFP1R Datasheet
132Kb / 1P
   Fast Pulse Sound and Light @ 10 PPS
logo
Vishay Siliconix
KP1830233061 VISHAY-KP1830233061 Datasheet
99Kb / 10P
   AC and Pulse Film Foil Capacitors
Revision: 16-Jan-09
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
logo
ELMOS Semiconductor AG
E527.05 ELMOS-E527.05 Datasheet
299Kb / 2P
   HALIOS RAIN AND LIGHT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com