Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-JJMQFP44 Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-JJMQFP44
Description  POWER MANAGEMENT iC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-JJMQFP44 Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-JJMQFP44 Datasheet HTML 2Page - IC-Haus GmbH IC-JJMQFP44 Datasheet HTML 3Page - IC-Haus GmbH IC-JJMQFP44 Datasheet HTML 4Page - IC-Haus GmbH IC-JJMQFP44 Datasheet HTML 5Page - IC-Haus GmbH IC-JJMQFP44 Datasheet HTML 6Page - IC-Haus GmbH IC-JJMQFP44 Datasheet HTML 7Page - IC-Haus GmbH IC-JJMQFP44 Datasheet HTML 8Page - IC-Haus GmbH IC-JJMQFP44 Datasheet HTML 9Page - IC-Haus GmbH IC-JJMQFP44 Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
iC-JJ
POWER MANAGEMENT IC
Rev A1, Page 6/17
ELECTRICAL CHARACTERISTICS
Operating conditions: +VBAT= 6..16.5V, PGND= GND, COS= 680pF,
RSET= 10k
S, RKL= 511S, RKLR= 511S, Tj= -40..125EC, unless otherwise noted
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
EC
Min.
Typ.
Max.
Total Device
1
I(VA1)
Supply Current in VA1
outputs passive,
VA1= 30V, VH= 6V
8
3
52
mA
002
I(VH)
Supply Current in VH
in-/outputs passive,
VA1= 30V, VH= 6V
25
5
75
mA
003
I(KL,
KLR)
Supply Current in KL, KLR
in-/outputs passive, switching
regulator active,
V(KL, KLR)= 12V
812
16
mA
004
I(KL,
KLR)
Supply Current in KL, KLR
in-/outputs passive, switching
regulator active,
V(KL, KLR)= 6.5V
20
25
32
mA
5
I(KL,
KLR)
Supply Current in KL, KLR
no external capacitance at VA1,
VA, VB; ENA= lo,
V(KL, KLR) < 18V
100
µA
006
Rpu()
Pull-up Resistor to VCC at Inputs
TWD, TXD, NRHD, NRES, NVTA,
VTU
27
5.4
9.1
15.4
k
S
k
S
7
Rpd()
Pull-down Resistor to GND at
Inputs TFP, TAKS, TFL, TCRD,
TCRA
for TFP test mode= lo
27
8.8
14.7
24.6
k
S
k
S
8
Vpu()
Pull-up Voltage to VCC at Inputs
TWD, TXD, NRHD, NRES, NVTA,
VTU
Vpu()= V()- VCC;
I()= -10..10µA
-0.3
V
9
Vpd()
Pull-down Voltage to GND at
Inputs TFP, TAKS, TFL, TCRD,
TCRA
I()= -10..10µA,
for TFP test mode= lo
0.3
V
10
Vt()hi
Threshold Voltage hi at Inputs
TWD, TXD, TFP, TAKS, TFL,
TCRD, TCRA, NRHD, NRES,
NVTA, VTU
67
%VCC
11
Vt()lo
Threshold Voltage lo at Inputs
TWD, TXD, TFP, TAKS, TFL,
TCRD, TCRA, NRHD, NRES,
NVTA, VTU
33
%VCC
12
Vt()hys
Hysteresis at Inputs TWD, TXD,
TFP, TAKS, TFL, TCRD, TCRA,
NRHD, NRES, NVTA, VTU
Vt()hys= Vt()hi- Vt()lo
500
mV
13
Vs()lo
Saturation Voltage lo at Outputs
NRES, NVTA, VTU, RXD, PFL,
PAKS, PCRD, PCRA
I()= 1.6mA, outputs lo
0.4
V
14
Vs()hi
Saturation Voltage hi vs. VCC at
Outputs RXD, PFL, PAKS,
PCRD, PCRA
Vs()= V()- VCC;
I()= -1mA, outputs hi
-0.8
V
15
Isc()
Short-circuit Current in Outputs
NRES, NVTA, VTU, HD
V()= VCC, pins= lo,
V(HD)= VA1
27
10
30
mA
mA
16
tsup()
Permissible Spurious Pulse Width
at Inputs TWD, TXD, TFP, TAKS,
TFL, TCRD, TCRA, NRHD,
NRES, NVTA, VTU
no switching triggered
40
ns


Similar Part No. - IC-JJMQFP44

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-JEEVALJE1D ICHAUS-IC-JEEVALJE1D Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-JEPDIP8 ICHAUS-IC-JEPDIP8 Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-JESO8 ICHAUS-IC-JESO8 Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
More results

Similar Description - IC-JJMQFP44

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com