Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-JJ Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-JJ
Description  POWER MANAGEMENT iC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-JJ Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-JJ Datasheet HTML 6Page - IC-Haus GmbH IC-JJ Datasheet HTML 7Page - IC-Haus GmbH IC-JJ Datasheet HTML 8Page - IC-Haus GmbH IC-JJ Datasheet HTML 9Page - IC-Haus GmbH IC-JJ Datasheet HTML 10Page - IC-Haus GmbH IC-JJ Datasheet HTML 11Page - IC-Haus GmbH IC-JJ Datasheet HTML 12Page - IC-Haus GmbH IC-JJ Datasheet HTML 13Page - IC-Haus GmbH IC-JJ Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
iC-JJ
POWER MANAGEMENT IC
Rev A1, Page 10/17
ELECTRICAL CHARACTERISTICS
Operating conditions: +VBAT= 6..16.5V, PGND= GND, COS= 680pF,
RSET= 10k
S, RKL= 511S, RKLR= 511S, Tj= -40..125EC, unless otherwise noted
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
EC
Min.
Typ.
Max.
Boost Converter (continued)
A15 Ipu(VA1x) Pull-Up Current in VA1x
V(VA1x) < 1V
27
-25
-5
-1
µA
µA
A16 Vr(VA1x) Transformation Ratio with
external Voltage Divider
R(VA1/VA1x) / R(VA1x/AGND)
V(VA1)= (1+R(VA1/VA1x) /
R(VA1x/AGND)) × V(VBG),
R(VA1x/AGND)= 1..5k,
V(VA1)= V(VB)..48V
218
K-Interface
B01 Vs(K)
Saturation Voltage at K
I(K)= 15.7mA, TXD= lo, T < Tab
1.4
V
B02 Vs(K)
Saturation Voltage at K
I(K)= 32.4mA, TXD= lo, T < Tab
1.7
V
B03 Isc(K)
Short-circuit Current in K
V(K)= 2..27V,
TXD= lo, t < 100ms
27
60
150
mA
mA
B04 C(K)
Permissible Input Capacitance K
25
pF
B05 Ipu(K)
Pull-Up Current in K
V(KL, KLR)= 8..16.5V,
V(K)= 0.2V..V(KL, KLR)-1V
V(VA1) > V(VM) + 2V, TXD= hi
-80
-20
µA
B06 Vt(K)
Switching Threshold at K related
to Maximum V(KL, KLR)
V(KL, KLR)= 6..16.5V, TXD= hi
45
55
%
B07 Vt(K)
Switching Threshold at K during
Autarky
V(KL, KLR) < 5.5V
27
54
60
66
%VCC
%VCC
B08 Vhys(K)
Hysteresis at K
V(KL, KLR)= 6..16.5V or Autarky
50
300
mV
B09 tf(K)
Fall Time at K
R(KLR/K)= 511
S, CK < 5nF, V(K)
from hi= 80%
6 lo= 20% V(KLR),
TXD from hi to lo
2µs
B10 In(K)
Current in K
V(K)= -3V, TXD= hi
-8
mA
B11 Ilk(K)
Leakage Current in K
V(K) > KL, KLR, TXD = hi,
V(K) < 27V, VM, VMR > 0V
-20
20
µA
B12 Vf(K)
Free-wheeling Voltage at K
I(K)= 10mA, TXD= hi
48
V
B13 Vpu(K)
Pull-up Current at K against
V(VM, VMR)
I(K)= -20µA, TXD= hi,
V(VM), V(VMR)= 8..16.5V
V(VA1) > V(VM) + 2V
-0.3
0.3
V
B14 tp(K)
Transmission Delay K
6 RXD
f
# 200kHz, V(K) from
25%
6 75% V(VM, VMR)
62
µs
B15 tp(K)
Transmission Delay TXD
6Kf # 200kHz, V(K) from
75%
6 25% V(VM, VMR)
42
µs
B16 dtp(K)
Transmission Delay Difference
K
6 RXD, K lo 6 hi to K hi 6 lo
f
# 200kHz, V(K) from
25%
6 75% V(VM, VMR)
1µs
B17 tf(K)
Fall Time at K
R(KLR/K)= 511
S,, CK< 10nF,
V(K) from hi= 80%
6 lo= 20%
V(KLR), TXD from hi to lo
1µs
Watchdog
C01 tl(NRES) Reset Pulse Width lo at NRES
triggered by watchdog
6.5
8.9
µs
C02 Tu(TWD) Lower TWD Period for Reset
27
404
480
558
µs
µs
C03 To(TWD) Upper TWD Period for Reset
27
652
770
885
ms
ms
C04 tp(TWD)
Permissible Pulse Width at TWD
TWD detection at lo pulse
18
649.9
ms


Similar Part No. - IC-JJ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-JEEVALJE1D ICHAUS-IC-JEEVALJE1D Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-JEPDIP8 ICHAUS-IC-JEPDIP8 Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-JESO8 ICHAUS-IC-JESO8 Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
More results

Similar Description - IC-JJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com