Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCE1G06SE Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74LVCE1G06SE
Description  SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCE1G06SE Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74LVCE1G06SE Datasheet HTML 3Page - Diodes Incorporated 74LVCE1G06SE Datasheet HTML 4Page - Diodes Incorporated 74LVCE1G06SE Datasheet HTML 5Page - Diodes Incorporated 74LVCE1G06SE Datasheet HTML 6Page - Diodes Incorporated 74LVCE1G06SE Datasheet HTML 7Page - Diodes Incorporated 74LVCE1G06SE Datasheet HTML 8Page - Diodes Incorporated 74LVCE1G06SE Datasheet HTML 9Page - Diodes Incorporated 74LVCE1G06SE Datasheet HTML 10Page - Diodes Incorporated 74LVCE1G06SE Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74LVCE1G06
SINGLE INVERTER BUFFER/DRIVER WITH
OPEN DRAIN OUTPUT
74LVC1GE06
Document number: DS32273 Rev. 2 - 2
7 of 13
www.diodes.com
December 2010
© Diodes Incorporated
Parameter Measurement Information
Vcc
Inputs
VM
VLOAD
CL
RL
V
VI
tr/tf
1.8V±0.15V
VCC
≤2ns
VCC/2
2 X VCC
30pF
1K
0.15V
2.5V±0.2V
VCC
≤2ns
VCC/2
2 X VCC
30pF
500
0.15V
3.3V±0.3V
3V
≤2.5ns
1.5V
6V
50pF
500
0.3V
5V±0.5V
VCC
≤2.5ns
VCC/2
2 X VCC
50pF
500
0.3V
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz
C. The inputs are measured one at a time with one transition per measurement.
D. For the open drain device tPLZ and tPZL are the same as tPD
E. tPZL is measured at VM.
F. tPLZ is measured at VOL +V
TEST
Condition
tPLZ (see Notes D and E)
tPZL(see Notes D and F)
Vload
Vload


Similar Part No. - 74LVCE1G06SE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G06SE DIODES-74LVCE1G06SE Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
74LVCE1G06SE-7 DIODES-74LVCE1G06SE-7 Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
More results

Similar Description - 74LVCE1G06SE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
332Kb / 13P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06_08 Datasheet
674Kb / 17P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06 TI-SN74AUC1G06_09 Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVC1G06_1010 DIODES-74LVC1G06_1010 Datasheet
247Kb / 13P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DBVTG4 TI1-SN74LVC1G06DBVTG4 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06 Datasheet
306Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI1-SN74LVC1G06_18 Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Buffer/Driver With Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com