Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G98DW Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC1G98DW
Description  CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G98DW Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC1G98DW Datasheet HTML 2Page - Diodes Incorporated 74LVC1G98DW Datasheet HTML 3Page - Diodes Incorporated 74LVC1G98DW Datasheet HTML 4Page - Diodes Incorporated 74LVC1G98DW Datasheet HTML 5Page - Diodes Incorporated 74LVC1G98DW Datasheet HTML 6Page - Diodes Incorporated 74LVC1G98DW Datasheet HTML 7Page - Diodes Incorporated 74LVC1G98DW Datasheet HTML 8Page - Diodes Incorporated 74LVC1G98DW Datasheet HTML 9Page - Diodes Incorporated 74LVC1G98DW Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74LVC1G98
CONFIGURABLE MULTIPLE-FUNCTION GATE
74LVC1G98
Document number: DS35128 Rev. 1 - 2
6 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Electrical Characteristics
TA= -40 °C to 125 °C
(All typical values are at Vcc = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
Vcc
Min
Typ.
Max
Unit
VT+
Positive-going input
threshold voltage
1.65 V
0.70
1.20
2.3V
1.11
1.60
3 V
1.50
2.00
4.5 V
2.16
2.74
5.5 V
2.61
3.33
VT-
Negative-going input
threshold voltage
1.65 V
0.30
0.75
2.3V
0.58
1.03
3 V
0.80
1.33
4.5 V
1.21
1.95
5.5 V
1.45
2.35
ΔVT
Hysteresis
(VT+ - VT-)
1.65 V
0.30
0.62
2.3V
0.37
0.80
3 V
0.32
1.00
4.5 V
0.50
1.20
5.5 V
0.55
1.40
VOH
High Level Output Voltage
IOH = -100μA
1.65 V to 5.5V
VCC – 0.1
V
IOH = -4mA
1.65 V
0.95
IOH = -8mA
2.3V
1.7
IOH = -16mA
3 V
1.9
IOH = -24mA
2.0
IOH = -32mA
4.5 V
3.4
VOL
High-level Input Voltage
IOL = 100μA
1.65 V to 5.5V
0.1
V
IOL = 4mA
1.65 V
0.7
IOL = 8mA
2.3V
0.45
IOL = 16mA
3 V
0.6
IOL = 24mA
0.8
IOL = 32mA
4.5
0.8
II
Input Current
VI = 5.5 V or GND
0 to 5.5 V
± 100
μA
IOFF
Power Down Leakage
Current
VI or VO = 5.5V
0
± 200
μA
ICC
Supply Current
VI = 5.5V of GND
IO=0
1.65 V to 5.5V
200
μA
ΔICC
Additional Supply Current
One input at VCC –0.6
V Other inputs at VCC
or GND
3 V to 5.5V
5000
μA
Ci
Input Capacitance
Vi = VCC – or GND
3.3
3.5
pF
θJA
Thermal Resistance
Junction-to-Ambient
SOT26
(Note 4)
166
oC/W
SOT363
(Note 4)
333
DFN1010
(Note 4)
231
θJC
Thermal Resistance
Junction-to-Case
SOT26
(Note 4)
46
oC/W
SOT363
(Note 4)
102
DFN1010
(Note 4)
TBD
Notes: 4. Test condition for SOT26, SOT363 and DFN1010 : Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.


Similar Part No. - 74LVC1G98DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G98DW DIODES-74LVC1G98DW Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74LVC1G98DW-7 DIODES-74LVC1G98DW-7 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - 74LVC1G98DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com