Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HKB Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-HKB
Description  155MHz LASER SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HKB Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-HKB Datasheet HTML 1Page - IC-Haus GmbH IC-HKB Datasheet HTML 2Page - IC-Haus GmbH IC-HKB Datasheet HTML 3Page - IC-Haus GmbH IC-HKB Datasheet HTML 4Page - IC-Haus GmbH IC-HKB Datasheet HTML 5Page - IC-Haus GmbH IC-HKB Datasheet HTML 6Page - IC-Haus GmbH IC-HKB Datasheet HTML 7Page - IC-Haus GmbH IC-HKB Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
iC-HK, iC-HKB
155 MHz LASER SWITCH
Rev F1, Page 5/8
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3.5...5.5 V, Tj = -25...125 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
No.
°C
Min.
Typ.
Max.
Total Device
001
VDD
Permissible Supply Voltage
3.5
5.5
V
002
I(VDD)
Supply Current in VDD
CW operation
0
80
µA
003
I(VDD)
Supply Current in VDD
pulsed operation,
f(EN1, EN2) = 150 MHz
0
150
mA
004
V(LDK)
Permissible Voltage at LDK
iC-HK
0
5.5
V
iC-HKB
0
12
V
005
Vc(CI)hi
Clamp Voltage hi at CI
Vc(CI) = V(CI) – VDD,
I(CI) = 10 mA, other pins open
0.4
1.25
V
006
Vc(EN)hi
Clamp Voltage hi at EN1, EN2
Vc(EN) = V(EN) – VDD,
I(EN) = 1 mA, other pins open
0.4
1.25
V
007
Vc()lo
Clamp Voltage lo at VDD, LDK,
CI, EN1, EN2, AGND1, AGND2
I() = -10 mA, other pins open
-1.25
-0.4
V
008
Ipd()
Pull-Down Current at CI, EN1,
EN2
1
5
µA
009
Toff
Overtemperature Shutdown
110
150
°C
Laser Control LDK, CI, EN1, EN2
101
Icw(LDK)
Permissible CW Current in LDK
(per channel)
150
mA
102
Ipk(LDK)
Permissible Pulsed Current in
LDK (per channel)
f > 100 kHz, thi/T < 1:10
700
mA
107
Vs(LDK)
Saturation Voltage at LDK
I(LDK) = 40 mA
1.2
V
I(LDK) = 60 mA
1.3
V
I(LDK) = 150 mA, iC-HK
1.5
V
I(LDK) = 150 mA, iC-HKB
1.8
V
108
I0(LDK)
Leakage Current in LDK
ENx = lo, V(LDK) = VDD
0
10
µA
109
tr()
LDK Current Rise Time
Iop = 150 mA,
I(LDK): 10% → 90%Iop
3
1.5
ns
110
tf()
LDK Current Fall Time
Iop(LDK) = 150 mA,
I(LDK): 90% → 10%Iop
3
1.5
ns
111
tp()
Propagation Delay
V(ENx) → I(LDK)
ENx hi ↔ lo, V(50%) → I(50%)
1
3
ns
112
Vt(ENx)
Input Threshold Voltage
33
50
67
%VDD
113
V(CI)
Permissible Voltage at CI
0
5.5
V
114
Vt(CI)
Threshold Voltage at CI
I(LDK) < 5 mA
0.75
1.15
V
115
CR()
Current Matching Chan-
nel1/Channel2
V(CI) = 0...VDD,
I(LDK) = 30...300 mA, RK1 = RK2
0.9
1
1.1


Similar Part No. - IC-HKB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK Datasheet
980Kb / 13P
   155MHz LASER SWITCH
IC-HK ICHAUS-IC-HK Datasheet
422Kb / 10P
   155MHz LASER SWITCH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
More results

Similar Description - IC-HKB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
   TRIPLE 155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HBQFN24 ROITHNER-HBQFN24 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
logo
TAI-SAW TECHNOLOGY CO.,...
TA155E1 TAI-SAW-TA155E1 Datasheet
198Kb / 4P
   SAW Filter 155MHz
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com