Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HD7SO16N Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-HD7SO16N
Description  QUAD DIFFERENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HD7SO16N Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-HD7SO16N Datasheet HTML 1Page - IC-Haus GmbH IC-HD7SO16N Datasheet HTML 2Page - IC-Haus GmbH IC-HD7SO16N Datasheet HTML 3Page - IC-Haus GmbH IC-HD7SO16N Datasheet HTML 4Page - IC-Haus GmbH IC-HD7SO16N Datasheet HTML 5Page - IC-Haus GmbH IC-HD7SO16N Datasheet HTML 6Page - IC-Haus GmbH IC-HD7SO16N Datasheet HTML 7Page - IC-Haus GmbH IC-HD7SO16N Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
iC-HD7
QUAD DIFFERENTIAL LINE DRIVER
Rev A5, Page 1/8
FEATURES
o Complementary short-circuit-proof push-pull driver stages for
RS422 and 24 V applications up to 2 MHz
o Pin-compatible to 26LS31, xx7272
o Integrated line adaptation for high signal quality at 24 V
o Moderate slew rate reduces EMI
o High driving capability of typically 200 mA at 24 V
o Output saturation of just 0.3 V at 40 mAdc
o Tristate function for bus applications with excessive
temperature shutdown
o TTL-/CMOS-compatible Schmitt trigger inputs,
voltage-proof to 40 V
o 4.5 to 35 V single supply operation with low static power
dissipation
o Operating temperature from -25 to 125 °C (-40 °C is optional)
APPLICATIONS
o Line drivers for 24 V control
engineering
o Linear scales and encoders
o Sensor systems
PACKAGES
SO16N
RoHS compliant
BLOCK DIAGRAM
VB
O1
NO1
GND
I1
DRIVER STAGES
iC-HD7
O2
NO2
O3
NO3
O4
NO4
I2
I3
I4
NEN
4.5..35 V
LINE
PLC
UNDERVOLTAGE &
OVERTEMPERATURE
Copyright © 2010 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-HD7SO16N

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HD7 ICHAUS-IC-HD7 Datasheet
239Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7_14 Datasheet
239Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - IC-HD7SO16N

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
   QUAD DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
   QUAD DIFFERENTIAL LINE DRIVER
logo
IC-Haus GmbH
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2_14 Datasheet
247Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7_14 Datasheet
239Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com