Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-DIEVALDI1D Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-DIEVALDI1D
Description  DUAL SENSOR INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DIEVALDI1D Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-DIEVALDI1D Datasheet HTML 1Page - IC-Haus GmbH IC-DIEVALDI1D Datasheet HTML 2Page - IC-Haus GmbH IC-DIEVALDI1D Datasheet HTML 3Page - IC-Haus GmbH IC-DIEVALDI1D Datasheet HTML 4Page - IC-Haus GmbH IC-DIEVALDI1D Datasheet HTML 5Page - IC-Haus GmbH IC-DIEVALDI1D Datasheet HTML 6Page - IC-Haus GmbH IC-DIEVALDI1D Datasheet HTML 7Page - IC-Haus GmbH IC-DIEVALDI1D Datasheet HTML 8Page - IC-Haus GmbH IC-DIEVALDI1D Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
iC-DI
DUAL SENSOR INTERFACE
Rev C2, Page 4/15
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed. Absolute Maximum Ratings are no Operating Conditions.
Integrated circuits with system interfaces, e.g. via cable accessible pins (I/O pins, line drivers) are per principle endangered by injected
interferences, which may compromise the function or durability. The robustness of the devices has to be verified by the user during system
development with regards to applying standards and ensured where necessary by additional protective circuitry. By the manufacturer
suggested protective circuitry is for information only and given without responsibility and has to be verified within the actual system with
respect to actual interferences.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VBO
Power Supply at VBO
Referenced to lowest voltage of VN, VBR,
QP1, QN1, QP2, QN2, CFI, VH, VHL
36
V
Referenced to highest voltage of VN, VBR,
QP1, QN1, QP2, QN2, CFI, VH, VHL
-36
V
G002 I(VBO)
Current in VBO
-10
600
mA
G003 VBR
Power Supply at VBR
Referenced to lowest voltage of VN, VBO,
QP1, QN1, QP2, QN2, CFI, VH, VHL
36
V
Referenced to highest voltage of VN, VBO,
QP1, QN1, QP2, QN2, CFI, VH, VHL
-36
V
G004 I(VBR)
Current in VBR
-10
600
mA
G005 V(VH)
Voltage at VH
Referenced to lowest voltage of VN, VBO,
VBR, QP1, QN1, QP2, QN2, CFI, VHL
36
V
Referenced to highest voltage of VN, VBO,
VBR, QP1, QN1, QP2, QN2, CFI, VHL
-36
V
G006 I(VH)
Current in VH
-5
70
mA
G007 V(VHL)
Voltage at VHL
Referenced to lowest voltage of VN, VBO,
VBR, QP1, QN1, QP2, QN2, CFI, VH
36
V
Referenced to highest voltage of VN, VBO,
VBR, QP1, QN1, QP2, QN2, CFI, VH
-36
V
G008 I(VHL)
Current in VHL
-150
5
mA
G009 V(VN)
Voltage at GND vs. VN
VN < VBO
-1
3
V
VN > VBO (reverse bias)
-27
3
V
G010 I(VN)
Current in VN
VN < VBO
-500
500
mA
VN > VBO (reverse bias)
-10
10
mA
G011 I(GND)
Current in GND
-300
300
mA
G012 V()
Voltage at VCC, VCC3
-0.3
7
V
G013 I()
Current in VCC, VCC3
-50
10
mA
G014 V()
Voltage at QP1, QN1, QP2, QN2
Referenced to lowest voltage of VN, VBO,
VBR, QP1, QN1, QP2, QN2, CFI, VH, VHL
36
V
Referenced to highest voltage of VN, VBO,
VBR, QP1, QN1, QP2, QN2, CFI, VH, VHL;
VN < VBO, VBO < 29 V
-7
V
VN < VBO, VBO > 29 V
-36
V
VN > VBO (reverse bias)
-36
V
G015 I()
Current in QP1, QP2
-400
mA
G016 I()
Current in QN1, QN2
400
mA
G017 V(CFI)
Voltage at CFI
Referenced to lowest voltage of VN, VBO,
VBR, QP1, QN1, QP2, QN2, CFI, VH, VHL
36
V
Referenced to highest voltage of VN, VBO,
VBR, QP1, QN1, QP2, QN2, CFI, VH, VHL
-36
V
G018 I(CFI)
Current in CFI
-4
4
mA
G019 V()
Voltage at INV1, QCFG1, QCFG2, IN1,
IN2, OEN, CFP
-0.3
7
V
G020 I()
Current in INV1, QCFG1, QCFG2, IN1,
IN2, OEN, CFP
-4
4
mA
G021 V()
Voltage at NOVL, NUVD, CFO
-0.3
7
V
G022 I()
Current in NOVL, NUVD, CFO
-5
20
mA
G023 V(ISET)
Voltage at ISET
-0.3
7
V
G024 I(ISET)
Current in ISET
-4
4
mA
G025 Vd()
ESD Susceptibility at all pins
HBM, 100 pF discharged through 1.5 kΩ
0.6
kV
G026 Tj
Operating Junction Temperature
-40
150
°C
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.


Similar Part No. - IC-DIEVALDI1D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC Datasheet
698Kb / 19P
   2-CHANNEL BUCK/BOOST DC/DC CONVERTER
IC-DC ICHAUS-IC-DC Datasheet
846Kb / 19P
   2-CHANNEL BUCK/BOOST DC/DC CONVERTER
IC-DC ICHAUS-IC-DC_17 Datasheet
846Kb / 19P
   2-CHANNEL BUCK/BOOST DC/DC CONVERTER
IC-DL ICHAUS-IC-DL Datasheet
305Kb / 9P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-DL ICHAUS-IC-DL Datasheet
530Kb / 10P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
More results

Similar Description - IC-DIEVALDI1D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9040 NSC-LM9040 Datasheet
178Kb / 10P
   Dual Lambda Sensor Interface Amplifier
logo
TEMIC Semiconductors
U6268B TEMIC-U6268B Datasheet
178Kb / 12P
   Side-Airbag Sensor Dual Interface
logo
ATMEL Corporation
U6268B ATMEL-U6268B Datasheet
297Kb / 14P
   Side-airbag Sensor Dual Interface
logo
ON Semiconductor
NCV1124 ONSEMI-NCV1124 Datasheet
92Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
April, 2006 ??Rev. 0
CS1124 ONSEMI-CS1124 Datasheet
96Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
February, 2006 ??Rev. 8
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
   Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
   PIR SENSOR INTERFACE
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
   PIR SENSOR INTERFACE
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
logo
Texas Instruments
TPIC8101 TI-TPIC8101_05 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com