Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN2540-1000G-TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN2540-1000G-TR
Description  25A SCRS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN2540-1000G-TR Datasheet(HTML) 4 Page - STMicroelectronics

  TN2540-1000G-TR Datasheet HTML 1Page - STMicroelectronics TN2540-1000G-TR Datasheet HTML 2Page - STMicroelectronics TN2540-1000G-TR Datasheet HTML 3Page - STMicroelectronics TN2540-1000G-TR Datasheet HTML 4Page - STMicroelectronics TN2540-1000G-TR Datasheet HTML 5Page - STMicroelectronics TN2540-1000G-TR Datasheet HTML 6Page - STMicroelectronics TN2540-1000G-TR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TN25 and TYNx25 Series
4/7
Figure 10: Ordering Information Scheme (TN25 series)
Figure 11: Ordering Information Scheme (TYN25 series)
Figure 9: Thermal resistance junction to
ambient versus copper surface under tab
(epoxy printed circuit board FR4, copper
thickness: 35µm) (D2PAK)
0
4
8
12
1620242832
3640
0
10
20
30
40
50
60
70
80
S(cm²)
R
(°C/W)
th(j-a)
TN 25 40 - 600 G (-TR)
Standard SCR series
Sensitivity
Voltage
Package
Packing mode
Current
25 = 25A
40 = 40mA
600 = 600V
800 = 800V
1000 = 1000V
G = D PAK
Blanck = Tube
-TR = Tape & Reel
2
TYN
6
25
RG
Standard SCR series
Packing mode
Voltage
Current
6 = 600V
8 = 800V
10 = 100V
25 = 25A
RG = Tube


Similar Part No. - TN2540-1000G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN2540-1000G-TR STMICROELECTRONICS-TN2540-1000G-TR Datasheet
93Kb / 7P
   25A SCRs
More results

Similar Description - TN2540-1000G-TR

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TYN625 TGS-TYN625 Datasheet
70Kb / 1P
   25A SCRs
logo
JIEJIE MICROELECTRONICS...
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
   25A SCRs
JCT625 JIEJIE-JCT625 Datasheet
608Kb / 5P
   25A SCRs
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
   25A SCRs
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25 Datasheet
93Kb / 7P
   25A SCRs
logo
JIEJIE MICROELECTRONICS...
JCT1025 JIEJIE-JCT1025 Datasheet
373Kb / 6P
   25A SCRs
logo
STMicroelectronics
TYNX25 STMICROELECTRONICS-TYNX25 Datasheet
93Kb / 7P
   25A SCRs
logo
JIEJIE MICROELECTRONICS...
JCT1625 JIEJIE-JCT1625 Datasheet
367Kb / 5P
   25A SCRs
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT_14 Datasheet
2Mb / 5P
   Stansard SCRs, 25A
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
   Stansard SCRs, 25A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com