Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP142T Datasheet(PDF) 2 Page - STMicroelectronics

Part # TIP142T
Description  Complementary power Darlington transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP142T Datasheet(HTML) 2 Page - STMicroelectronics

  TIP142T Datasheet HTML 1Page - STMicroelectronics TIP142T Datasheet HTML 2Page - STMicroelectronics TIP142T Datasheet HTML 3Page - STMicroelectronics TIP142T Datasheet HTML 4Page - STMicroelectronics TIP142T Datasheet HTML 5Page - STMicroelectronics TIP142T Datasheet HTML 6Page - STMicroelectronics TIP142T Datasheet HTML 7Page - STMicroelectronics TIP142T Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute maximum ratings
TIP142T, TIP147T
2/8
Doc ID 4135 Rev 5
1
Absolute maximum ratings
Note:
For PNP type voltage and current are negative.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage (IE = 0)
100
V
VCEO
Collector-emitter voltage (IB = 0)
100
V
VEBO
Emitter-base voltage (IC = 0)
5
V
IC
Collector current
10
A
ICM
Collector peak current
20
A
IB
Base current
0.5
A
PTOT
Total dissipation at Tcase = 25 °C
90
W
TSTG
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
__max
1.4
°C/W


Similar Part No. - TIP142T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP142T MOSPEC-TIP142T Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,80W)
logo
First Silicon Co., Ltd
TIP142T FS-TIP142T Datasheet
632Kb / 3P
   Darlington TRANSISTOR (NPN)
logo
STMicroelectronics
TIP142T STMICROELECTRONICS-TIP142T Datasheet
53Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Fairchild Semiconductor
TIP142T FAIRCHILD-TIP142T Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
TRANSYS Electronics Lim...
TIP142T TEL-TIP142T Datasheet
161Kb / 2P
   SILICON PLANAR POWER DARLINGTON TRANSISTORS
More results

Similar Description - TIP142T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
   Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
   Complementary power Darlington transistors
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
   Complementary power Darlington transistors
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
   Complementary Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com