Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6530M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA6530M
Description  2-channel Bridge Driver for CD and CD-ROMs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6530M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA6530M Datasheet HTML 1Page - Sanyo Semicon Device LA6530M Datasheet HTML 2Page - Sanyo Semicon Device LA6530M Datasheet HTML 3Page - Sanyo Semicon Device LA6530M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2-channel Bridge Driver
for CD and CD-ROMs
Overview
The LA6530M is a 2-channel bridge (BTL) driver which was
developed for compact discs and CD-ROMs.
Features
.
High output current (IO max = 0.7 A).
.
Wide operating voltage range (4 to 15 V).
.
Small input bias current.
Package Dimensions
unit : mm
3073A-MFP30SLF
[LA6530M]
SANYO : MFP30SLF
Specifications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
16
V
Differential input voltage
VID
Amplifier 2, amplifier 3
15
V
Common-mode input voltage
VICM
Amplifier 2, amplifier 3
15
V
Maximum input voltage
VINB
Buffer amplifier
15
V
Mute pin maximum inflow current
IM max
1.0
mA
Maximum output current
IO max
0.7
A
Allowable power dissipation
Pd max
0.9
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Operating Conditions at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Operating voltage range
VCC op
4.0 to 15.0
V
Recommended load resistance
RL
Pin 11 to 20, pin 5 to 26
8.0
Ordering number: EN 5226
Monolithic Linear IC
LA6530M
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
92995HA(II) No.5226-1/4


Similar Part No. - LA6530M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6530 SANYO-LA6530 Datasheet
70Kb / 3P
   2-Channel BTL-Use Drivers
More results

Similar Description - LA6530M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6537 SANYO-LA6537 Datasheet
93Kb / 4P
   4-channel Bridge Driver for CD and CD-ROMs
LA6537M SANYO-LA6537M Datasheet
110Kb / 4P
   4-channel Bridge Driver for CD and CD-ROMs
logo
Rohm
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players and CD-ROMs
BA5916FP ROHM-BA5916FP Datasheet
132Kb / 8P
   4-channel BTL driver for CD players and CD-ROMs
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
   Motor driver for CD-ROMs
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
   3-Phase Motor Driver for CD-ROMs
logo
Rohm
BA6848FP ROHM-BA6848FP Datasheet
155Kb / 11P
   3-phase motor driver for CD-ROMs
BA6849FP ROHM-BA6849FP Datasheet
178Kb / 12P
   3-phase motor driver for CD-ROMs
logo
Unisonic Technologies
UA9849 UTC-UA9849 Datasheet
188Kb / 11P
   3-PHASE MOTOR DRIVER FOR CD-ROMS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com