Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSPRO2X2-I3CAS1C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSPRO2X2-I3CAS1C1A
Description  850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSPRO2X2-I3CAS1C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSPRO2X2-I3CAS1C1A Datasheet HTML 1Page - OptoSupply International OSPRO2X2-I3CAS1C1A Datasheet HTML 2Page - OptoSupply International OSPRO2X2-I3CAS1C1A Datasheet HTML 3Page - OptoSupply International OSPRO2X2-I3CAS1C1A Datasheet HTML 4Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
850nm & 940nm Infrared SMD LED Ring
Specifications
:
• Diameter(outer): 42.1mm
• Height: 3.5mm
• LEDs: 24pcs
• Total Watts: 0.3W
• Volts: 6Volts DC
• Lifetime: 20,000hrs
Features
:
• IR Wavelength 850nm or 940nm
• Color White Type
• Superior UV Resistance
• 0 Lux with IR LED ON. Adopt high Radiant Power IR LED, having very good
night-vision effect
Application
:
• Pickup device
• CCTV camera, IR camera
• Monitoring devices. Remote controlling
Model No.
OSPRO2X2-
XXXAS1C1A
REV.
C1


Similar Part No. - OSPRO2X2-I3CAS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X2-I3CAS1C1A OPTOSUPPLY-OSPRO2X2-I3CAS1C1A Datasheet
68Kb / 4P
   850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
More results

Similar Description - OSPRO2X2-I3CAS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X2-XXXAS1C1A OPTOSUPPLY-OSPRO2X2-XXXAS1C1A Datasheet
68Kb / 4P
   850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-I3CAS1C1A OPTOSUPPLY-OSPRO2X3-I3CAS1C1A Datasheet
69Kb / 4P
   12V 850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-XXXAS1C1A OPTOSUPPLY-OSPRO2X3-XXXAS1C1A Datasheet
69Kb / 4P
   12V 850nm & 940nm Infrared SMD LED Ring Total Watts: 0.3W
OSFKS5XX OPTOSUPPLY-OSFKS5XX Datasheet
69Kb / 3P
   PRODUCT SPECIFICATION FOR 850nm & 940nm Infrared LED Ring
FRS5IS OPTOSUPPLY-FRS5IS Datasheet
113Kb / 3P
   850nm & 940nm Infrared LED Module
FRS5XX OPTOSUPPLY-FRS5XX Datasheet
113Kb / 3P
   850nm & 940nm Infrared LED Module Each LED watts: 0.06W
logo
CT Micro International ...
IRP3016W24-G0 CTMICRO-IRP3016W24-G0 Datasheet
839Kb / 8P
   SMD Type 940nm Infrared Emitter
IRC3020N13-B20 CTMICRO-IRC3020N13-B20 Datasheet
768Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP3216N18-D0 CTMICRO-IRP3216N18-D0 Datasheet
856Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP1608Q06-B30 CTMICRO-IRP1608Q06-B30 Datasheet
778Kb / 9P
   SMD Type 940nm Infrared Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com