Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH1302CT Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH1302CT
Description  HIGH EFFICIENCY ULTRAFAST DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1302CT Datasheet(HTML) 7 Page - STMicroelectronics

  STTH1302CT Datasheet HTML 1Page - STMicroelectronics STTH1302CT Datasheet HTML 2Page - STMicroelectronics STTH1302CT Datasheet HTML 3Page - STMicroelectronics STTH1302CT Datasheet HTML 4Page - STMicroelectronics STTH1302CT Datasheet HTML 5Page - STMicroelectronics STTH1302CT Datasheet HTML 6Page - STMicroelectronics STTH1302CT Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
STTH1302CT/CG/CFP
7/7
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not au-
thorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners.
© 2003 STMicroelectronics - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany -
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain -
Sweden - Switzerland - United Kingdom - United States
www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH1302CT
STTH1302CT
TO-220AB
2.20 g
50
Tube
STTH1302CFP
STTH1302CFP
TO-220FPAB
2.0 g
50
Tube
STTH1302CG
STTH1302CG
D
2PAK
1.48 g
50
Tube
STTH1302CG-TR
STTH1302CG
D
2PAK
1.48 g
1000
Tape & reel
s
Epoxy meets UL94,V0
PACKAGE MECHANICAL DATA
TO-220FPAB
H
L3
L2
L4
L6
G
G1
F
F1
L5
D
E
L7
A
B
Dia
F2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126


Similar Part No. - STTH1302CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1302CT STMICROELECTRONICS-STTH1302CT Datasheet
112Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
More results

Similar Description - STTH1302CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
   HIGH EFFICIENCY ULTRAFAST DIODE
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
   High efficiency ultrafast diode
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH6002C STMICROELECTRONICS-STTH6002C_06 Datasheet
114Kb / 9P
   High efficiency ultrafast diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com