Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-0805SRC Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-0805SRC
Description  LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-0805SRC Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-0805SRC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0805SRC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0805SRC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0805SRC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0805SRC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED LAMP
R e l a t i v e
L u m i o n o u s
I n t e n s i t y
L O P
@ m a x = 1 )
FYLS-0805SRC
Radiation pattern.
Features:
Compatible with automatic placement equipment
Compatible with reflow solder process.
Applications:
Automotive-Telecommunication
Indicators
Lcd Back-lights
Illuminations
Descriptions:
Dice material: AlGaAs.
Emitting Color: hight Red.
Lens Color: Water clear.
Absolute maximum ratings(Ta=25 ゜с)
Parameter
MAX.
Unit
Power Dissipation
78
mW
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse
Width)
100
mA
Continuous Forward Current
30
mA
Derating Linear From 25℃
0.4
mA/
Operating Temperature Range
-30℃ to +80℃
Storage Temperature Range
-40℃ to +85℃
Electrical and optical characteristics(Ta=25 ゜с)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
--
25
--
mcd
IF=20mA
Viewing Angle
2θ1/2
--
130
--
Deg
Peak Emission
λp
655
660
665
nm
Dominant Wavelength
λd
638
643
648
nm
Spectral Line Half-Width
λ
25
30
35
nm
Forward Voltage
VF
1.9
2.2
V
Reverse Current
IR
10
µA
VR=5V


Similar Part No. - FYLS-0805SRC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-0805SRC FORYARD-FYLS-0805SRC_15 Datasheet
495Kb / 8P
   SMD led lamp
More results

Similar Description - FYLS-0805SRC

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com