Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6136A Datasheet(PDF) 2 Page - Sensitron

Part # 1N6136A
Description  Transient Voltage Suppressor Diode, 500W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N6136A Datasheet(HTML) 2 Page - Sensitron

  1N6136A Datasheet HTML 1Page - Sensitron 1N6136A Datasheet HTML 2Page - Sensitron 1N6136A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 West Industry Court Deer Park, NY 11729-4681 Phone (631) 586 7600 Fax (631) 242 9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5073, REV. –
MECHANICAL DIMENSIONS In Inches / (mm)
AXIAL
MELF
STYLE
A
B
C
D
MELF
.200/.225
5.08/5.72
.019/.028
.48/.71
.003MIN
.08MIN
.137/.148
3.48/3.76
R = 0.020 Max
PACKAGE
DIMENSIONS - INCHES / MILLIMETERS
STYLE
φB
φD
G
L
AXIAL
.026/.033
.66/.84
.085/.140
2.16/3.56
.140/.185
3.56/4.70
1.00/1.30
25.4/33.02
SS6102A/US thru SS6137A/US


Similar Part No. - 1N6136A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6136A SEMTECH-1N6136A Datasheet
31Kb / 2P
   QPL 500 Watt Axial Leaded TVS
logo
Microsemi Corporation
1N6136A MICROSEMI-1N6136A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6136A MICROSEMI-1N6136A Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Sensitron
1N6136A SENSITRON-1N6136A Datasheet
55Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSER DIODES
1N6136A SENSITRON-1N6136A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results

Similar Description - 1N6136A

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com