Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF258DCSM Datasheet(PDF) 1 Page - Seme LAB

Part # BF258DCSM
Description  Dual Bipolar NPN Devices in a hermetically sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BF258DCSM Datasheet(HTML) 1 Page - Seme LAB

  BF258DCSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BF258DCSM
Dual Bipolar NPN Devices.
V
CEO =
250V
I
C = 0.1A
All Semelab hermetically sealed products can
be processed in accordance with the
requirements of BS, CECC and JAN, JANTX,
JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
250
V
I
C(CONT)
0.1
A
h
FE
@ 10/30m (V
CE / IC)
25
-
f
t
90M
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Dual Bipolar NPN Devices in
a hermetically sealed
LCC2 Ceramic Surface Mount
Package for High Reliability
Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
2
6
3
4
5
0.23
(0.009)
1.40 ± 0.15
(0.055 ± 0.006)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
rad.
A
1.27 ± 0.13
(0.05 ± 0.005)
A =
6.22 ± 0.13
(0.245 ± 0.005)
LCC2 (MO-041BB)
Pinouts
Pin 1 – Collector 1
Pin 4 – Collector 2
Pin 2 – Base 1
Pin 5 – Emitter 2
Pin 3 – Base 2
Pin 6 – Emitter 1


Similar Part No. - BF258DCSM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BF258 STMICROELECTRONICS-BF258 Datasheet
83Kb / 5P
   HIGH VOLTAGE VIDEO AMPLIFIERS
logo
Micro Electronics
BF258 MICRO-ELECTRONICS-BF258 Datasheet
115Kb / 2P
   NPN HIGH VOLTAGE VIDEO AMPLIFIER
logo
Central Semiconductor C...
BF258 CENTRAL-BF258 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Seme LAB
BF258 SEME-LAB-BF258 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
logo
Continental Device Indi...
BF258 CDIL-BF258 Datasheet
142Kb / 3P
   NPN SILICON HIGH VOLTAGE TRANSISTORS
More results

Similar Description - BF258DCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2639DCSM SEME-LAB-2N2639DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N2641DCSM SEME-LAB-2N2641DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N5551DCSM SEME-LAB-2N5551DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
BSX33DCSM SEME-LAB-BSX33DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N2914DCSM SEME-LAB-2N2914DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N2918DCSM SEME-LAB-2N2918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N3411DCSM SEME-LAB-2N3411DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N2919DCSM SEME-LAB-2N2919DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N2640DCSM SEME-LAB-2N2640DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N3410DCSM SEME-LAB-2N3410DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com