Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPDP15D28 Datasheet(PDF) 5 Page - Sensitron

Part # SPDP15D28
Description  Programmable DC Solid State Power Controller Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP15D28 Datasheet(HTML) 5 Page - Sensitron

  SPDP15D28 Datasheet HTML 1Page - Sensitron SPDP15D28 Datasheet HTML 2Page - Sensitron SPDP15D28 Datasheet HTML 3Page - Sensitron SPDP15D28 Datasheet HTML 4Page - Sensitron SPDP15D28 Datasheet HTML 5Page - Sensitron SPDP15D28 Datasheet HTML 6Page - Sensitron SPDP15D28 Datasheet HTML 7Page - Sensitron SPDP15D28 Datasheet HTML 8Page - Sensitron SPDP15D28 Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5023, Rev D.1
©2007 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 5
SPDPXXD28 SERIES
Table 4 - Pin Definitions
Pin Number
Pin Name
Function
1
BIAS
+5V DC Supply
2
GND
5V Return
3
GATE Status
Switch Status
4
LOAD Status
Load Current Detection
5
CONTROL Input
On/Off Control
6
LINE
+28V DC Supply
7
GAINRET
Internally connected to LOAD (pin 10)
8
PWRGND
28V Return
9
GAIN
Gain Adjust
10
LOAD
Load Connection
Table 5 – Individual Model Ratings
SPDP05D28
SPDP05D28 Set for
1.0 Amp Rating
SPDP05D28 Set for
2.5 Amp Rating
SPDP05D28 Set for
5 Amp Rating
Current Rating @ 100
OC
1.0A
2.5A
5A
Power Dissipation
(including Control Power)
0.18W typ @ 0.6A 25
OC
0.19W max @ 1A 25
OC
0.19W max @ 1A 100
OC
0.21W typ @ 1.5A 25
OC
0.27W max @ 2.5A 25
OC
0.28W max @ 2.5A 100
OC
0.31W typ @ 3A 25
OC
0.54W max @ 5A 25
OC
0.59W max @ 5A 100
OC
Max Voltage Drop
9mV typ @ 0.6A 25
OC
15mV max @ 1A 25
OC
17mV max @ 1A 100
OC
22mV typ @ 1.5A 25
OC
36mV max @ 2.5A 25
OC
42mV max @ 2.5A 100
OC
44mV typ @ 3A 25
OC
73mV max @ 5A 25
OC
83mV max @ 5A 100
OC
SPDP10D28
SPDP10D28 Set for
2.0 Amp Rating
SPDP10D28 Set for
5 Amp Rating
SPDP10D28 Set for
10 Amp Rating
Current Rating @ 100
OC
2.0A
5A
10A
Power Dissipation
(including Control Power)
0.19W typ @ 1.2A 25
OC
0.21W max @ 2A 25
OC
0.22W max @ 2A 100
OC
0.26W typ @ 3A 25
OC
0.41W max @ 5A 25
OC
0.47W max @ 5A 100
OC
0.52W typ @ 6A 25
OC
1.13W max @ 10A 25
OC
1.34W max @ 10A 100
OC
Max Voltage Drop
11mV typ @ 1.2A 25
OC
19mV max @ 2A 25
OC
23mV max @ 2A 100
OC
29mV typ @ 3A 25
OC
48mV max @ 5A 25
OC
58mV max @ 5A 100
OC
57mV typ @ 6A 25
OC
95mV max @ 10A 25
OC
117mV max @ 10A 100
OC
SPDP15D28
SPDP15D28 Set for
3.0 Amp Rating
SPDP15D28 Set for
7.5 Amp Rating
SPDP15D28 Set for
15 Amp Rating
Current Rating @ 100
OC
3.0A
7.5A
15A
Power Dissipation
(including Control Power)
0.20W typ @ 1.8A 25
OC
0.24W max @ 3A 25
OC
0.26W max @ 3A 100
OC
0.33W typ @ 4.5A 25
OC
0.60W max @ 7.5A 25
OC
0.72W max @ 7.5A 100
OC
0.78W typ @ 9A 25
OC
1.87W max @ 15A 25
OC
2.35W max @ 15A 100
OC
Max Voltage Drop
14mV typ @ 1.8A 25
OC
23mV max @ 3A 25
OC
29mV max @ 3A 100
OC
34mV typ @ 4.5A 25
OC
56mV max @ 7.5A 25
OC
73mV max @ 7.5A 100
OC
68mV typ @ 9A 25
OC
113mV max @ 15A 25
OC
145mV max @ 15A 100
OC


Similar Part No. - SPDP15D28

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDP15D28-1 SENSITRON-SPDP15D28-1 Datasheet
249Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDP15D28ER SENSITRON-SPDP15D28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
More results

Similar Description - SPDP15D28

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDPXXD28-1 SENSITRON-SPDPXXD28-1 Datasheet
249Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com