Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPDP50D375 Datasheet(PDF) 2 Page - Sensitron

Part # SPDP50D375
Description  DC Solid State Power Controller Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP50D375 Datasheet(HTML) 2 Page - Sensitron

  SPDP50D375 Datasheet HTML 1Page - Sensitron SPDP50D375 Datasheet HTML 2Page - Sensitron SPDP50D375 Datasheet HTML 3Page - Sensitron SPDP50D375 Datasheet HTML 4Page - Sensitron SPDP50D375 Datasheet HTML 5Page - Sensitron SPDP50D375 Datasheet HTML 6Page - Sensitron SPDP50D375 Datasheet HTML 7Page - Sensitron SPDP50D375 Datasheet HTML 8Page - Sensitron SPDP50D375 Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5115, REV -
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com • Page 2
SPDP50D375
Table 1 - Electrical Characteristics (at 25
oC and V
bias = 5.0V DC unless otherwise specified)
Power
Input Voltage – Continuous
– Transient
0 to 425V DC, 500V DC Absolute Maximum
+600V or –600V Spike (< 10 uS)
Power Dissipation
See Table 4
Current
See Table 4
See Figures 1 - 3, Trip Curves
Max Voltage Drop
See Table 4
Trip Level
110% of rating
Trip time
See Figures 1 - 3, Trip Curves
Output Rise Time (turn ON)
2 msec typ
Output Fall Time under normal turn-off
250 usec typ
Output Fall Time under Fault
50 usec typ
Min Load Requirement
Nil
Protection
Short Circuit Protection
600 A
Instant Trip
150A, 200A and 250A programmable
Table 2 - Physical Characteristics
Temperature
Operating Temperature
TA = -55 °C to +100 °C
Storage Temperature
TA = -55 °C to +125 °C
Environmental
Altitude
Up to 30,000 ft
Can be installed in an unpressurized area
Case Dimensions
4.96” x 2.60” x 2.04”
Operating Orientation
Any
Weight
650 g
MTBF (Estimate: MIL STD 217F)
200 Khrs at 25
°C Full load
Control & Status
(TTL/CMOS Compatible)
BIAS (Vcc)
5.0V DC Nominal, 7.0V DC Absolute Maximum
4.5V to 5.5 VDC
BIAS (Vcc) Current
21 mA typ
30 mA max
S1 and S2 Status Signals
Voh=3.7V, min, at Ioh=-20mA
Vol=0.4V, max, at Iol=20mA
CONTROL and Battle Short Signals
VT+ (Positive-going input threshold voltage)
VT− (Negative-going input threshold voltage)
ΔVT Hysteresis (VT+ VT−)
2.0V, min, 3.5V, max
1.2V, min, 2.3V, max
0.6V, min, 1.4V, max
Reset
Cycle CONTROL Signal


Similar Part No. - SPDP50D375

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
More results

Similar Description - SPDP50D375

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
SPD-8A115 SENSITRON-SPD-8A115 Datasheet
71Kb / 4P
   AC/DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com