Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHDC626112 Datasheet(PDF) 2 Page - Sensitron

Part # SHDC626112
Description  HERMETIC SILICON CARBIDE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHDC626112 Datasheet(HTML) 2 Page - Sensitron

  SHDC626112 Datasheet HTML 1Page - Sensitron SHDC626112 Datasheet HTML 2Page - Sensitron SHDC626112 Datasheet HTML 3Page - Sensitron SHDC626112 Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA, PROVISIONAL DATA ONLY
DATA SHEET 4185, Rev. B
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
TYP
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP (If =10A PER LEG) Vf TJ=25 °C
TJ=175 °C
1.60
2.50
1.80
3.00
Volts
MAXIMUM REVERSE CURRENT (1200V PIV PER LEG) Ir
TJ = 25 °C
TJ = 175 °C
0.01
0.02
0.20
1.00
mA
TOTAL CAPACITIVE CHARGE (VR=1200V, IF=10A, di/dt=500A/μs and
TJ=25°C) QC per leg
60
N/A
nC
MAXIMUM JUNCTION CAPACITANCE (Vr =400V) per leg
CT
70
pF
SHDC626112
SHDC626112P
SHDC626112N
SHDC626112D


Similar Part No. - SHDC626112

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHDC626112 SENSITRON-SHDC626112 Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112D SENSITRON-SHDC626112D Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112N SENSITRON-SHDC626112N Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112P SENSITRON-SHDC626112P Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
More results

Similar Description - SHDC626112

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD620052 SENSITRON-SHD620052 Datasheet
166Kb / 2P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674112 SENSITRON-SHD674112 Datasheet
240Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD676052 SENSITRON-SHD676052 Datasheet
52Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD620112 SENSITRON-SHD620112 Datasheet
244Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626031 SENSITRON-SHD626031 Datasheet
184Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD675052 SENSITRON-SHD675052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112 SENSITRON-SHDC626112 Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122_09 Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626051 SENSITRON-SHD626051 Datasheet
464Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674052 SENSITRON-SHD674052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122 Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com