Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD620031 Datasheet(PDF) 1 Page - Sensitron

Part # SHD620031
Description  HERMETIC SILICON CARBIDE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD620031 Datasheet(HTML) 1 Page - Sensitron

  SHD620031_09 Datasheet HTML 1Page - Sensitron SHD620031_09 Datasheet HTML 2Page - Sensitron SHD620031_09 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4283, REV. A
HERMETIC SILICON CARBIDE RECTIFIER
DESCRIPTION: A 600-VOLT, 8 AMP POWER SILICON CARBIDE RECTIFIER IN A CERAMIC HERMETIC
LCC-5 PACKAGE
FEATURES:
NO RECOVERY TIME OR REVERSE RECOVERY LOSSES
NO TEMPERATURE INFLUENCE ON SWITCHING BEHAVIOR
AVAILABLE SCREENED TO ANY REQUIRED LEVEL
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
600
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC = 65
OC, for
Dual Package)
IO
8
Amps
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC = 65
OC, for
Single Package)
IO
4
Amps
MAXIMUM REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 8.3ms, Sine) per leg, TC = 25
OC
IFRM
20
Amps
MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 10
μs, Pulse) per leg, T
C = 25
OC
IFSM
110
Amps
MAXIMUM POWER DISSIPATION, TC = 25
OC
Pd
20
W
MAXIMUM THERMAL RESISTANCE, Junction to Case (PER DUAL PACKAGE)
RθJC
5.3
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE*
Top, Tstg
-55 to
+200
°C
* Note: SiC semiconductors will handle at or above this operating and storage temperature. However, extended operational use of the
packaged device above 175C may reduce its future performance. All qualification testing and screening per MIL-PRF-19500 will only
be performed to 175C.
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
TYP
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 4 A PER LEG)
TJ = 25 °C
Vf
TJ = 175 °C
1.50
2.00
1.85
2.40
Volts
MAXIMUM REVERSE CURRENT (Ir @ 600V PIV PER LEG)
TJ = 25 °C
Ir
TJ = 175 °C
0.025
0.050
0.200
1.000
mA
JUNCTION CAPACITANCE (Vr =5V) per leg
CT
220
pF
TOTAL CAPACITIVE CHARGE (VR=600V IF=4A di/dt=500A/μs TJ=25°C) QC per
leg
10
N/A
nC
SHD620031
SHD620031P


Similar Part No. - SHD620031_09

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD620031P SENSITRON-SHD620031P Datasheet
189Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results

Similar Description - SHD620031_09

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD620052 SENSITRON-SHD620052 Datasheet
166Kb / 2P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674112 SENSITRON-SHD674112 Datasheet
240Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD676052 SENSITRON-SHD676052 Datasheet
52Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD620112 SENSITRON-SHD620112 Datasheet
244Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626031 SENSITRON-SHD626031 Datasheet
184Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD675052 SENSITRON-SHD675052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112 SENSITRON-SHDC626112 Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122_09 Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626051 SENSITRON-SHD626051 Datasheet
464Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674052 SENSITRON-SHD674052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122 Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com