Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS30170CT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS30170CT
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30170CT Datasheet(HTML) 3 Page - STMicroelectronics

  STPS30170CT Datasheet HTML 1Page - STMicroelectronics STPS30170CT Datasheet HTML 2Page - STMicroelectronics STPS30170CT Datasheet HTML 3Page - STMicroelectronics STPS30170CT Datasheet HTML 4Page - STMicroelectronics STPS30170CT Datasheet HTML 5Page - STMicroelectronics STPS30170CT Datasheet HTML 6Page - STMicroelectronics STPS30170CT Datasheet HTML 7Page - STMicroelectronics STPS30170CT Datasheet HTML 8Page - STMicroelectronics STPS30170CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS30170C
3/9
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Average forward current versus
ambient temperature (
δ = 0.5, per diode)
Figure
3:
Normalized
avalanche
power
derating versus pulse duration
Figure
4:
Normalized
avalanche
power
derating versus junction temperature
Figure 5: Non repetitive surge peak forward
current versus overload duration (maximum
values, per diode) (TO-220AB, TO-247, D2PAK)
Figure 6: Non repetitive surge peak forward
current versus overload duration (maximum
values, per diode) (TO-220FPAB)
0
2
4
6
8
10
12
14
012
345678
9
10 11 12 13 14 15 16 17 18
P
F(AV)(W)
d=0.05
d=0.1
d=0.2
d=0.5
d=1
T
d=t /T
p
tp
IF(AV)(A)
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
175
I
F(AV)(A)
R
th
(j-A)=15 °C/W
T
d=t /T
p
tp
R
th(j-a)=Rth(j-c) (TO-220AB, TO -247 & D²PAK)
R
th(j-a)=Rth(j-c) (TO-220AB, TO -247 & D²PAK)
R
th(j-a)=Rth(j-c)
(TO-220FPAB)
R
th(j-a)=Rth(j-c)
(TO-220FPAB)
Tamb(°C)
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
0
25
50
75
100
125
150
175
200
225
1.E-03
1.E-02
1.E-01
1.E+00
I
M(A)
T
C=50°C
T
C=75°C
T
C=125°C
IM
t
d =0.5
TO-220AB, TO -247 & D²PAK
t(s)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
1.E-03
1.E-02
1.E-01
1.E+00
I
M(A)
T
C=50°C
T
C=75°C
T
C=125°C
IM
t
d =0.5
TO-220FPAB
t(s)


Similar Part No. - STPS30170CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30170DJF STMICROELECTRONICS-STPS30170DJF Datasheet
116Kb / 7P
   Power Schottky rectifier
More results

Similar Description - STPS30170CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com