Electronic Components Datasheet Search |
|
SHDC225509 Datasheet(PDF) 1 Page - Sensitron |
|
SHDC225509 Datasheet(HTML) 1 Page - Sensitron |
1 / 2 page • 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 • • World Wide Web Site - www.sensitron.com • E-mail Address - sales@sensitron.com • SENSITRON SEMICONDUCTOR TECHNICAL DATA DATA SHEET 4964, REV. - HERMETIC POWER MOSFET N-CHANNEL FEATURES: • 1000 Volt, 6A, 2 Ohm, MOSFET • Isolated Hermetic Metal Package • Fast intrinsic Rectifier • Low R DS (on) • Ceramic Seals with Glidcop leads (SHDG225509) MAXIMUM RATINGS ALL RATINGS ARE AT T C = 25 °C UNLESS OTHERWISE SPECIFIED. RATING SYMBOL MIN. TYP. MAX. UNITS GATE TO SOURCE VOLTAGE VGS - - ±20 Volts ON-STATE DRAIN CURRENT @ TC = 25°C ID (on) - - 6 Amps PULSED DRAIN CURRENT @ TC = 25°C IDM - - ±24 Amps OPERATING AND STORAGE TEMPERATURE TOP/TSTG -55 - +150 °C THERMAL RESISTANCE, JUNCTION TO CASE RthJC - - 0.72 °C/W TOTAL DEVICE DISSIPATION @ TC = 25°C PD - - 150 Watts ELECTRICAL CHARACTERISTICS RATING SYMBOL MIN. TYP. MAX. UNITS DRAIN TO SOURCE BREAKDOWN VOLTAGE VGS = 0V, ID = 1mA BVDSS 1000 - - Volts STATIC DRAIN TO SOURCE ON STATE RESISTANCE VGS = 10V, ID = 3A RDS(ON) - - 2.0 Ω GATE THRESHOLD VOLTAGE VDS = VGS, ID = 250µA VGS(th) 2.0 - 4.5 Volts FORWARD TRANSCONDUCTANCE VDS = 10V, ID = 3A gfs - 6 - S(1/ Ω) ZERO GATE VOLTAGE DRAIN CURRENT VDS = 0.8xMax. Rating, VGS = 0V VDS = 0.8xMax. Rating, VGS = 0V, TJ = 125°C IDSS - - - 250 1.0 µA mA GATE TO SOURCE LEAKAGE FORWARD VGS = 20V GATE TO SOURCE LEAKAGE REVERSE VGS = -20V IGSS - - 100 -100 nA TURN ON DELAY TIME VDS = 500V, RISE TIME ID = 3A, TURN OFF DELAY TIME RG = 4.7Ω, FALL TIME VGS = 10V td(ON) tr td(OFF) tf - 35 40 100 60 - nsec DIODE FORWARD VOLTAGE TC = 25°C, IS = 6A, VGS = 0V VSD - - 1.5 Volts REVERSE RECOVERY TIME TJ = 25°C IF = 6A, -di/dt = 100A/µsec, VR = 100V trr - - 250 nsec INPUT CAPACITANCE VGS = 0 V OUTPUT CAPACITANCE VDS = 25 V REVERSE TRANSFER CAPACITANCE f = 1.0MHz Ciss Coss Crss - 2600 180 45 - pF SHD225509 SHDC225509 SHDG225509 |
Similar Part No. - SHDC225509 |
|
Similar Description - SHDC225509 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |