Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-5019RGBW1C Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-5019RGBW1C
Description  LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-5019RGBW1C Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-5019RGBW1C Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5019RGBW1C Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5019RGBW1C Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5019RGBW1C Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LED LAMP
Electrical and optical characteristics(Ta=25
Electrical and optical characteristics(Ta=25
Electrical and optical characteristics(Ta=25
Electrical and optical characteristics(Ta=25゜
゜с)
с)
с)
с)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
R
--
340
--
G
--
370
--
Luminous Intensity
IV
B
--
260
--
mcd
R
45
50
55
G
45
50
55
Viewing Angle
1/2
B
45
50
55
Deg
R
623
628
633
G
515
520
525
Peak Emission
Wavelength
λp
B
465
470
475
nm
R
620
625
630
G
518
523
528
Dominant Wavelength
λd
B
463
468
473
nm
R
15
20
25
G
30
35
40
Spectral Line Half-Width
△λ
B
25
30
35
nm
nm
nm
nm
R
1.9
2.0
2.4
G
2.8
3.2
3.6
Forward Voltage
VF
B
2.8
3.2
3.6
V
IF=20mA
Reverse Current
IR
50
A
VR=5V


Similar Part No. - FYL-5019RGBW1C

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5019EGC1B FORYARD-FYL-5019EGC1B Datasheet
152Kb / 4P
   LED LAMP
FYL-5019EGW1B FORYARD-FYL-5019EGW1B Datasheet
154Kb / 4P
   LED LAMP
FYL-5019EGW1B-CC FORYARD-FYL-5019EGW1B-CC Datasheet
277Kb / 5P
   White diffused led
FYL-5019URPGC1C-CA FORYARD-FYL-5019URPGC1C-CA Datasheet
276Kb / 5P
   Water clear led
FYL-5019URUBC1C-CA FORYARD-FYL-5019URUBC1C-CA Datasheet
275Kb / 5P
   Water clear led
More results

Similar Description - FYL-5019RGBW1C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com