Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS40L15CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS40L15CT
Description  LOW DROP OR-ing POWER SCHOTTKY DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L15CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPS40L15CT Datasheet HTML 1Page - STMicroelectronics STPS40L15CT Datasheet HTML 2Page - STMicroelectronics STPS40L15CT Datasheet HTML 3Page - STMicroelectronics STPS40L15CT Datasheet HTML 4Page - STMicroelectronics STPS40L15CT Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS40L15CW/CT
2/5
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
Tj = 25°C
VR =VRRM
6mA
Tj = 100°C
200
500
VF *
Forward voltage drop
Tj = 25
°CIF =19 A
0.41
V
Tj=25
°CIF =40 A
0.52
Tj = 125°C
IF =19 A
0.28
0.33
Tj = 125°C
IF =40 A
0.42
0.50
Pulse test : * tp = 380
µs, δ <2%
To evaluate the conduction losses use the following equation :
P=0.18xIF(AV) + 0.008 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (Per diode)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
1.6
°C/W
Total
0.85
Rth (c)
Coupling
0.1
°C/W
THERMAL RESISTANCES
0
2
4
6
8
1012
1416182022
0
1
2
3
4
5
6
7
8
PF(av)(W)
IF(av) (A)
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
18
20
22
Tamb(°C)
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ=1, per diode).
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.


Similar Part No. - STPS40L15CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40L15CT STMICROELECTRONICS-STPS40L15CT Datasheet
84Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
logo
International Rectifier
STPS40L15CT IRF-STPS40L15CT Datasheet
187Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS40L15CT VISHAY-STPS40L15CT Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 22-Aug-08
STPS40L15CT VISHAY-STPS40L15CT Datasheet
116Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 03-Sep-08
logo
STMicroelectronics
STPS40L15CT STMICROELECTRONICS-STPS40L15CT Datasheet
112Kb / 8P
   Low drop OR-ing power Schottky diode
July 2011 Rev 6
More results

Similar Description - STPS40L15CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20L15D STMICROELECTRONICS-STPS20L15D Datasheet
93Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS40L15C STMICROELECTRONICS-STPS40L15C_11 Datasheet
112Kb / 8P
   Low drop OR-ing power Schottky diode
STPS60L15CW STMICROELECTRONICS-STPS60L15CW Datasheet
57Kb / 4P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS80L15TV STMICROELECTRONICS-STPS80L15TV Datasheet
49Kb / 4P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS120L15TV STMICROELECTRONICS-STPS120L15TV Datasheet
46Kb / 4P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS20L15D STMICROELECTRONICS-STPS20L15D_03 Datasheet
92Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS40L15CW STMICROELECTRONICS-STPS40L15CW Datasheet
84Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS40L15C STMICROELECTRONICS-STPS40L15C Datasheet
112Kb / 8P
   Low drop OR-ing power Schottky diode
July 2011 Rev 6
STPS80L15CY STMICROELECTRONICS-STPS80L15CY Datasheet
131Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X200-0008D IXYS-DSS2X200-0008D Datasheet
165Kb / 1P
   OR-ing Power Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com