Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD218414B Datasheet(PDF) 1 Page - Sensitron

Part # SHD218414B
Description  HERMETIC POWER MOSFET N-CHANNEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD218414B Datasheet(HTML) 1 Page - Sensitron

  SHD218414B Datasheet HTML 1Page - Sensitron SHD218414B Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 780, REV. -
HERMETIC POWER MOSFET
N-CHANNEL
FEATURES:
1000 Volt, 3.0 Ohm, 3A MOSFET
Electrically Isolated, Hermetically Sealed
Electrically Equivalent to MTC3N100E
MAXIMUM RATINGS
ALL RATINGS ARE AT T
A
= 25
°C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
GATE TO SOURCE VOLTAGE
VGS
-
-
±20
Volts
CONTINUOUS DRAIN CURRENT
VGS=10V, TC = 25°C
VGS=10V, TC = 100°C
ID
-
-
3.0
2.4
Amps
PULSED DRAIN CURRENT
@ TC = 25°C
IDM
-
-
9.0
Amps
OPERATING AND STORAGE TEMPERATURE
TOP/TSTG
-55
-
+150
°C
TERMAL RESISTANCE JUNCTION TO CASE
RθJC
-
-
0.89
°C/W
TOTAL DEVICE DISSIPATION @ TC = 25°C
PD
-
-
140
Watts
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNITS
DRAIN TO SOURCE BREAKDOWN VOLTAGE
VGS = 0V, ID = 250μA
BVDSS
1000
-
-
Volts
DRAIN TO SOURCE ON STATE RESISTANCE
VGS = 10V, ID = 1.5A
RDS(ON)
-
3.0
4.0
Ω
GATE THRESHOLD VOLTAGE
VDS = VGS, ID = 250μA
VGS(th)
2.0
-
4.0
Volts
FORWARD TRANSCONDUCTANCE
VDS = 15V, ID = 1.5A
gfs
2.0
3.56
-
S(1/
Ω)
ZERO GATE VOLTAGE DRAIN CURRENT
VDS = Max. Rating, VGS = 0V
VDS = Max. Rating
VGS = 0V, TJ = 125°C
IDSS
-
-
10
100
μA
GATE TO SOURCE LEAKAGE FORWARD
VGS = -20V
GATE TO SOURCE LEAKAGE REVERSE
VGS = 20V
IGSS
-
-
-100
100
nA
TOTAL GATE CHARGE
VGS = 10V
GATE TO SOURCE CHARGE
VDS = Max. Ratingx0.5
GATE TO DRAIN CHARGE
ID = 3.0A
Qg
Qgs
Qgd
-
32.5
6.0
14.6
-
nC
TURN ON DELAY TIME
VDD = 400V,
RISE TIME
ID = 3.0A,
TURN OFF DELAY TIME
RG = 9.1Ω
FALL TIME
VGS = 10V
td(on)
tr
td(off)
tf
-
13
19
42
33
25
40
90
55
nsec
DIODE FORWARD VOLTAGE
TJ = 25°C, IS = 3.0A,
VGS = 0V
TJ = 125°C
VSD
-
-
1.1
Volts
DIODE REVERSE RECOVERY TIME
TJ = 25°C,
REVERSE RECOVERY CHARGE
IS = 3.0A,
diS/dt = -100A/
μsec
trr
Qrr
-
615
2.92
-
nsec
μC
INPUT CAPACITANCE
VGS = 0 V,
OUTPUT CAPACITANCE
VDS = 25 V,
REVERSE TRANSFER CAPACITANCE
f = 1.0MHz
Ciss
Coss
Crss
-
1316
117
26
1800
260
75
pF
SHD218414
SHD218414A
SHD218414B


Similar Part No. - SHD218414B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD218413 SENSITRON-SHD218413 Datasheet
42Kb / 2P
   POWER MOSFETS
SHD218413A SENSITRON-SHD218413A Datasheet
42Kb / 2P
   POWER MOSFETS
SHD218413B SENSITRON-SHD218413B Datasheet
42Kb / 2P
   POWER MOSFETS
More results

Similar Description - SHD218414B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD225605 SENSITRON-SHD225605 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218505 SENSITRON-SHD218505 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219405 SENSITRON-SHD219405 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219501 SENSITRON-SHD219501 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD220301 SENSITRON-SHD220301 Datasheet
78Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225402 SENSITRON-SHD225402 Datasheet
67Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD239603 SENSITRON-SHD239603 Datasheet
81Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD217302A SENSITRON-SHD217302A_09 Datasheet
38Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219601 SENSITRON-SHD219601 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225503 SENSITRON-SHD225503 Datasheet
68Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com