Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS20L25CG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20L25CG
Description  LOW DROP POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L25CG Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20L25CG Datasheet HTML 1Page - STMicroelectronics STPS20L25CG Datasheet HTML 2Page - STMicroelectronics STPS20L25CG Datasheet HTML 3Page - STMicroelectronics STPS20L25CG Datasheet HTML 4Page - STMicroelectronics STPS20L25CG Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STPS20L25CT/CG
3/5
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
160
180
200
IM(A)
Tc=25°C
Tc=100°C
Tc=75°C
t(s)
IM
t
δ=0.5
Fig. 5: Non repetitive surge peak forward current
versus overload duration (maximum values).
0
5
10
15
20
25
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
IR(mA)
Tj=125°C
Tj=25°C
Tj=150°C
VR(V)
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values).
1.0E-4
1.0E-3
1.0E-2
1.0E-1
1.0E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 6: Relative variation of thermal impedance
junction to case versus pulse duration.
12
5
10
20
50
0.1
1.0
5.0
VR(V)
C(nF)
F=1MHz
Tj=25°C
Fig. 8: Junction capacitance versus reverse
voltage applied (typical values).
IFM(A)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10.0
100.0
VFM(V)
Tj=25°C
Tj=125°C
Typical values
Tj=150°C
Fig. 9: Forward voltage drop versus forward
current (maximum values).
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 10: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness : 35 µm).
(STPS20L25G only)


Similar Part No. - STPS20L25CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20L25CG STMICROELECTRONICS-STPS20L25CG Datasheet
94Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS20L25CG-TR STMICROELECTRONICS-STPS20L25CG-TR Datasheet
94Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS20L25CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com