Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD125613 Datasheet(PDF) 1 Page - Sensitron

Part # SHD125613
Description  HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD125613 Datasheet(HTML) 1 Page - Sensitron

  SHD125613_08 Datasheet HTML 1Page - Sensitron SHD125613_08 Datasheet HTML 2Page - Sensitron SHD125613_08 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DAT
DATA SHEET 1008, REV. A
HERMETIC POWER SCHOTTKY RECTIFIER
Low Forward Voltage Drop
(60 V, 35A)
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Low Forward Voltage Drop
Low Reverse Leakage Current
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
60
V
Max. Average Forward
Current
IF(AV)
50% duty cycle @TC =100°C,
rectangular wave form
35
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine pulse
150
A
Max. Junction Temperature
TJ
-
-65 to +150
°C
Max. Storage Temperature
Tstg
-
-65 to +150
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 35 A, Pulse, TJ = 25 °C
0.75
V
VF2
@ 35 A, Pulse, TJ = 125 °C
0.64
V
Max. Reverse Current
IR1
@VR = 60V, Pulse,
TJ = 25 °C
9.0
mA
IR2
@VR = 60V, Pulse,
TJ = 125 °C
420
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
4800
pF
Maximum Thermal Resis.
RθJC
-
0.33
°C/W
SHD125613


Similar Part No. - SHD125613_08

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125613 SENSITRON-SHD125613 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop (60 V, 35A)
More results

Similar Description - SHD125613_08

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD117046 SENSITRON-SHD117046 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117112 SENSITRON-SHD117112 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117213 SENSITRON-SHD117213_08 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117236 SENSITRON-SHD117236_08 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117122 SENSITRON-SHD117122 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117146 SENSITRON-SHD117146 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117022 SENSITRON-SHD117022 Datasheet
91Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117168 SENSITRON-SHD117168 Datasheet
73Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117236 SENSITRON-SHD117236 Datasheet
87Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117136 SENSITRON-SHD117136_08 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117222 SENSITRON-SHD117222 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com