Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRS5IC Datasheet(PDF) 3 Page - OptoSupply International

Part # FRS5IC
Description  850nm & 940nm Infrared LED Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

FRS5IC Datasheet(HTML) 3 Page - OptoSupply International

  FRS5IC Datasheet HTML 1Page - OptoSupply International FRS5IC Datasheet HTML 2Page - OptoSupply International FRS5IC Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Absolute Maximum Ratings(Ta=25
)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
15
V
Input Current (DC)
Ii
210
mA
Power Dissipation
Pa
3.1
W
Operating Temperature
Tope
-10 ~ +60
DegC
Storage Temperature
Tstg
-20 ~ +50
DegC
Typical Performance (Ta=25
)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
2.4
3.1
w
Input Voltage(DC)
Vi
-
12
15
V
Product Input Current
If
-
200
210
mA
LED Quantity
QTY
-
36
-
Pcs
PCB Diamter
Lmod.
-
52.5
-
mm
Net Weight
Wei.
---
25
---
g
Cautions
:
.
To prevent electric shocks and risk of fire hazards, do NOT use other than specified power
source.
The power supply must through safe attestation. Its output Voltage/current/voltage polarity and
operating temperature must match the requirement.
Please note the IR module’s operating temperature and its using environment requirement.
Avoid using at too high or too low temperatures.
Model No.
FRS5XX
REV.
C2


Similar Part No. - FRS5IC

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
FRS5IC OPTOSUPPLY-FRS5IC Datasheet
113Kb / 3P
   850nm & 940nm Infrared LED Module Each LED watts: 0.06W
More results

Similar Description - FRS5IC

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
FRS5XX OPTOSUPPLY-FRS5XX Datasheet
113Kb / 3P
   850nm & 940nm Infrared LED Module Each LED watts: 0.06W
OSFKS5XX OPTOSUPPLY-OSFKS5XX Datasheet
69Kb / 3P
   PRODUCT SPECIFICATION FOR 850nm & 940nm Infrared LED Ring
OSPRO2X2-XXXAS1C1A OPTOSUPPLY-OSPRO2X2-XXXAS1C1A Datasheet
68Kb / 4P
   850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X2-I3CAS1C1A OPTOSUPPLY-OSPRO2X2-I3CAS1C1A Datasheet
68Kb / 4P
   850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-I3CAS1C1A OPTOSUPPLY-OSPRO2X3-I3CAS1C1A Datasheet
69Kb / 4P
   12V 850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-XXXAS1C1A OPTOSUPPLY-OSPRO2X3-XXXAS1C1A Datasheet
69Kb / 4P
   12V 850nm & 940nm Infrared SMD LED Ring Total Watts: 0.3W
logo
STANLEY ELECTRIC CO.,LT...
TAN1109F-TR STANLEY-TAN1109F-TR Datasheet
574Kb / 21P
   Infrared LED (Peak wavelength : 940nm)
logo
Rohm
RLD94SAQ6 ROHM-RLD94SAQ6 Datasheet
277Kb / 4P
   940nm Infrared VCSEL
RLD94SAQ8 ROHM-RLD94SAQ8 Datasheet
748Kb / 5P
   940nm Infrared VCSEL
logo
OptoSupply Internationa...
OSI5XNE3E1E OPTOSUPPLY-OSI5XNE3E1E Datasheet
140Kb / 2P
   Xeon 3 Power 940nm Infrared Emiitttter LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com