Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD125446N Datasheet(PDF) 1 Page - Sensitron

Part # SHD125446N
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD125446N Datasheet(HTML) 1 Page - Sensitron

  SHD125446N Datasheet HTML 1Page - Sensitron SHD125446N Datasheet HTML 2Page - Sensitron SHD125446N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2008 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729-4681 •
• Phone (631) 586-7600 • Fax (631) 242-9798 • www.sensitron.com • sales@sensitron.com •
SENSITRON
______
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 956, REV. B
HERMETIC POWER SCHOTTKY RECTIFIER
Very Low Forward Voltage Drop
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Reverse Leakage Current
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Add a “C” after the SHD for ceramic seals (SHDC125446)
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
200
V
Max. Average Forward Current
Common Cathode / Anode
IF(AV)
50% duty cycle, rectangular
wave form
30
A
Max. Average Forward Current
Single / Doubler
IF(AV)
50% duty cycle, rectangular
wave form
15
A
Max. Peak One Cycle Surge
Current Non-Repetitive per leg
IFSM
8.3 ms, half Sine wave
(per leg)
200
A
Non-Repetitive Avalanche
Energy per leg
EAS
TJ = 25 °C, IAS = 0.75 A,
L = 40mH
16
mJ
Repetitive Avalanche Current
per leg
IAR
IAS decay linearly to 0 in 1 μs
ƒ limited by T
J max VA=1.5VR
0.75
A
Thermal Resistance (per leg)
RθJC
-
0.94
°C/W
Max. Junction Temperature
TJ
-
-65 to +200
°C
Max. Storage Temperature
Tstg
-
-65 to +175
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 30A, Pulse, TJ = 25 °C
1.09
V
(per leg)
VF2
@ 30A, Pulse, TJ = 125 °C
0.93
V
Max. Reverse Current (per leg)
IR1
@VR = 200V, Pulse,
TJ = 25 °C
0.7
mA
IR2
@VR = 200V, Pulse,
TJ = 125 °C
16
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
600
pF
Max. Reverse Recovery Time
trr
IF = 0.5 A, IR = 1.0 A,
IRM = 0.25 A, TJ = 25 °C
50
nsec
SHD125446
SHD125446P
SHD125446N
SHD125446D


Similar Part No. - SHD125446N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125446N SENSITRON-SHD125446N Datasheet
130Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results

Similar Description - SHD125446N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD119622 SENSITRON-SHD119622 Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD114622 SENSITRON-SHD114622_08 Datasheet
47Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118146 SENSITRON-SHD118146_11 Datasheet
107Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD125512 SENSITRON-SHD125512_11 Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD174622_0804 SENSITRON-SHD174622_0804 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD117011 SENSITRON-SHD117011 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD119212 SENSITRON-SHD119212 Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD120212 SENSITRON-SHD120212_11 Datasheet
99Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD119512 SENSITRON-SHD119512_11 Datasheet
58Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD126446 SENSITRON-SHD126446 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD119224 SENSITRON-SHD119224 Datasheet
37Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com