Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD125443P Datasheet(PDF) 1 Page - Sensitron

Part # SHD125443P
Description  HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD125443P Datasheet(HTML) 1 Page - Sensitron

  SHD125443P Datasheet HTML 1Page - Sensitron SHD125443P Datasheet HTML 2Page - Sensitron SHD125443P Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 4726, REV. A
HERMETIC POWER SCHOTTKY RECTIFIER
175
°C Maximum Operation Temperature
DESCRIPTION: A 60-VOLT, 30/35 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC TO-254
PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
60
Volts
MAXIMUM DC OUTPUT CURRENT (@ TC=100
OC) (Single, Doubler)
IO
30
Amps
MAXIMUM DC OUTPUT CURRENT (@ TC=100
OC)
(Common Cathode, Common Anode)
IO
35
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT (t=8.3ms, Sine)
IFSM
570
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
1600
pF
MAXIMUM THERMAL RESISTANCE (Single)
RθJC
0.77
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
Top/Tstg
-65 to
+ 175
°C
MAXIMUM STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 30 Amps)
TJ = 25 °C
TJ = 125 °C
Vf
0.91
0.84
Volts
MAXIMUM REVERSE CURRENT (Ir @ 60 V PIV)
TJ = 25 °C
TJ = 125 °C
Ir
0.8
60
mA
SHD125423
SHD125423D
SHD125423N
SHD125443P


Similar Part No. - SHD125443P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125443P SENSITRON-SHD125443P Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
More results

Similar Description - SHD125443P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125622 SENSITRON-SHD125622_08 Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125423 SENSITRON-SHD125423 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125623 SENSITRON-SHD125623 Datasheet
48Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125022 SENSITRON-SHD125022 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125445 SENSITRON-SHD125445_08 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125635 SENSITRON-SHD125635_08 Datasheet
41Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125122 SENSITRON-SHD125122 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125635 SENSITRON-SHD125635 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125222 SENSITRON-SHD125222 Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125622 SENSITRON-SHD125622 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com