Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMRT283R312T Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # SMRT283R312T
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT283R312T Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button SMRT283R312T Datasheet HTML 3Page - Interpoint Corporation Company SMRT283R312T Datasheet HTML 4Page - Interpoint Corporation Company SMRT283R312T Datasheet HTML 5Page - Interpoint Corporation Company SMRT283R312T Datasheet HTML 6Page - Interpoint Corporation Company SMRT283R312T Datasheet HTML 7Page - Interpoint Corporation Company SMRT283R312T Datasheet HTML 8Page - Interpoint Corporation Company SMRT283R312T Datasheet HTML 9Page - Interpoint Corporation Company SMRT283R312T Datasheet HTML 10Page - Interpoint Corporation Company SMRT283R312T Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Electrical Characteristics: -55°C to +125°C TC, 28 VDC Vin, 100% load, unless otherwise specified.
notes
1. guaranteed by design, not tested.
2. To maintain tight regulation over the full input voltage range a minimum load of 2% of full load should be used on all outputs.
3. Converters meet MIL-STD-461 specification revisions for conducted emissions C-CE03 and D-/E-/F-CE-102. The actual value of input ripple current is much less, the
limit in the characteristic table is based on measurement resolution..
4. Maximum power dissipation when output is shorted.
5. Recovery time is measured from application of the transient to point at which VOUT is within 1% of VOUT at final value.
6. Transition time >10 µs.
7. Half load to/from full load.
8. Measured from release of inhibit or input voltage step
SIngLE OUTPUT MODELS
SMRT283R3S
SMRT2805S
SMRT288R7S
unItS
parameter
COnDItIOnS
MIn
TYP
MAX
MIn
TYP
MAX
MIn
TYP
MAX
Output VOltage
3.23
3.30
3.37
4.90
5.00
5.10
8.52
8.70
8.87
VDC
Output Current 2
0
6.97
0
6.0
0
4.0
A
Output pOwer 2
VIn = 19 tO 56 VDC
0
23
0
30
0
35
W
Output rIpple
10 khz - 20 mhz
280
200
200
mV p-p
lIne regulatIOn 2
VIn = 19, 50 VDC
5
30
5
30
5
30
mV
lOaD regulatIOn
5
40
5
40
5
80
mV
VIn = 19, 50
90
70
80
tOtal regulatIOn 1
VOut
all COnDItIOnS OF
lIne, lOaD, agIng,
temp anD raDIatIOn
3.0
3.6
4.7
5.3
8.3
9.1
VDC
Input VOltage
COntInuOuS
19
28
56
19
28
56
19
28
56
VDC
tranSIent 1 100 ms
0
80
0
80
0
80
V
Input Current
InhIbIteD
50
50
50
mA
nO lOaD
110
110
115
Input rIpple Current 3
10 kHz - 20 MHz
10
50
10
50
10
50
mA p-p
eFFICIenCy
60
66
72
%
lOaD Fault 4, 5
POWERDISSIPATION
31
28
25
W
reCOVery 1
25
25
25
ms
Step lOaD reSpOnSe 5, 6, 7
tranSIent
±450
±450
±450
mV pk
reCOVery
3
3
4
ms
Step lIne reSpOnSe 1, 5, 6
19 - 50 - 19 VIn
tranSIent
±500
±500
±500
mV pk
reCOVery
4
4
4
ms
Start-up 8
Delay
nO lOaD anD Full
35
25
60
ms
OVerShOOt
50
50
95
mV pk
CapaCItIVe lOaD 1
tC = 25°C
unCOnDItIOnally
Stable, Start-up
Delay InCreaSeD
5000
5000
5000
µF
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 7 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216


Similar Part No. - SMRT283R312T

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT283R312T/KR INTERPOINT-SMRT283R312T/KR Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
More results

Similar Description - SMRT283R312T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KG9501 ETC-KG9501 Datasheet
1Mb / 6P
   MIL-STD-461-C INPUT EMI FILTER for 4W up to 50W DC/DC Converters
logo
Nova Electric. All Righ...
FC1250U NOVA-FC1250U Datasheet
304Kb / 2P
   RUGGED SINGLE-PHASE SINEWAVE FREQUENCY CONVERTER CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
logo
Abracon Corporation
AWBC-05 ABRACON-AWBC-05 Datasheet
638Kb / 1P
   Widely used in PC products to filter EMI from the outside
03.07.14
logo
JMK Inc.
AA-1506-12 JMK-AA-1506-12 Datasheet
55Kb / 1P
   This economical filter is designed to operate in severe environments such as Mil-Std-704.
ZM-1758-40 JMK-ZM-1758-40 Datasheet
36Kb / 1P
   The ZM-1758-40 filter is designed to work with systems with requirements to meet Mil-Std-461D or Mil-Std-461E.
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
Holt Integrated Circuit...
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
   MIL-STD-704 compliant
logo
Dynex Semiconductor
MAS281 DYNEX-MAS281 Datasheet
551Kb / 55P
   MIL-STD-1750A Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com