Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMRT2815S Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # SMRT2815S
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2815S Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button SMRT2815S Datasheet HTML 6Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 7Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 8Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 9Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 10Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 11Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 12Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 13Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 14Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TRIPLE OUTPUT MODEL – SMRT283R312T
3.3 (MAIn)
±12 (AUXILIARIES)
unItS
parameter
COnDItIOnS
MIn
TYP
MAX
MIn
TYP
MAX
Output VOltage
MAIn AnD POS. AUX
3.23
3.30
3.37 11.76 12.00 12.24
VDC
nEg. AUX.
-11.58 -12.00 -12.42
Output Current 2, 3
4.5
0
±0.63
1 1
A
TOTAL
1.25
Output pOwer 2, 3
0
15
0
±7.5
12 1
W
VIn = 19 tO 56 VDC
TOTAL
15
Output rIpple
10 khz - 20 mhz
200
150
mV p-p
lIne regulatIOn
MAIn AnD POS. AUX
30
5
30
mV
VIn = 19, 50 VDC
nEg. AUX.
10
70
lOaD regulatIOn
MAIn AnD POS. AUX
5
40
5
40
VIn = 19, 50 VDC
100
120
nEg. AUX. 1
10
300
mV
VIn = 19, 50 VDC 1
400
tOtal regulatIOn 1
VOUT
all COnDItIOnS OF
lIne, lOaD, agIng,
temp anD raDIatIOn
3.0
3.6
±10.9
±13.1
VDC
CrOSS regulatIOn 1, 4, 5
tC = 25°C
EFFECT On
nEgATIVE AUXILIARY
2.5
%
Input VOltage
COntInuOuS
19
28
56
VDC
tranSIent 100 ms
0
80
V
Input Current
nO lOaD
110
mA
InhIbIteD
50
Input rIpple Current 6
10 kHz - 10 MHz
10
50
mA p-p
eFFICIenCy 7
68
%
lOaD Fault 8, 9
POWERDISSIPATION
28
W
reCOVery 1
25
25
ms
Step lOaD reSpOnSe 9, 10, 11
tranSIent
±450
±450
mV pk
reCOVery
3
3
ms
Step lIne reSpOnSe 1, 8, 9
22 - 35 - 22 VIn
tranSIent
±500
±750
mV pk
reCOVery
4
4
ms
Start-up 11
Delay
nO lOaD anD Full
35
25
ms
OVerShOOt
0
50
0
120
mV pk
CapaCItIVe lOaD 1
tC = 25°C
unCOnDItIOnally
Stable, Start-up
Delay InCreaSeD
5000
1000
µF
notes: See page 15
Electrical Characteristics: -55°C to +125°C TC, 28 VDC Vin, 100% load, unless otherwise specified.
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 10 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216


Similar Part No. - SMRT2815S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT2815S/KR INTERPOINT-SMRT2815S/KR Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
logo
Crane Aerospace & Elect...
SMRT2815SHP CRANE-SMRT2815SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SHR CRANE-SMRT2815SHR Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SKF CRANE-SMRT2815SKF Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SKP CRANE-SMRT2815SKP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
More results

Similar Description - SMRT2815S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KG9501 ETC-KG9501 Datasheet
1Mb / 6P
   MIL-STD-461-C INPUT EMI FILTER for 4W up to 50W DC/DC Converters
logo
Nova Electric. All Righ...
FC1250U NOVA-FC1250U Datasheet
304Kb / 2P
   RUGGED SINGLE-PHASE SINEWAVE FREQUENCY CONVERTER CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
logo
Abracon Corporation
AWBC-05 ABRACON-AWBC-05 Datasheet
638Kb / 1P
   Widely used in PC products to filter EMI from the outside
03.07.14
logo
JMK Inc.
AA-1506-12 JMK-AA-1506-12 Datasheet
55Kb / 1P
   This economical filter is designed to operate in severe environments such as Mil-Std-704.
ZM-1758-40 JMK-ZM-1758-40 Datasheet
36Kb / 1P
   The ZM-1758-40 filter is designed to work with systems with requirements to meet Mil-Std-461D or Mil-Std-461E.
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
Holt Integrated Circuit...
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
   MIL-STD-704 compliant
logo
Dynex Semiconductor
MAS281 DYNEX-MAS281 Datasheet
551Kb / 55P
   MIL-STD-1750A Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com