Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD116223 Datasheet(PDF) 1 Page - Sensitron

Part # SHD116223
Description  HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 175 쨘C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD116223 Datasheet(HTML) 1 Page - Sensitron

  SHD116223 Datasheet HTML 1Page - Sensitron SHD116223 Datasheet HTML 2Page - Sensitron SHD116223 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2000 Sensitron Semiconductor
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681
PHONE (631) 586-7600
• FAX (631) 242-9798 • www.sensitron.com • sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 632, REV. C
HERMETIC POWER SCHOTTKY RECTIFIER
Low Reverse Leakage
175 ºC Operating Temperature
DESCRIPTION: 60 VOLT, 15 AMP, POWER SCHOTTKY RECTIFIER IN A SHD-1/1B PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
60
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
15
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t=8.3ms, Sine)
IFSM
280
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
720
pF
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
RθJC
1.70
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 15 Amps)
TJ = 25 °C
TJ = 125 °C
Vf
.74
.67
Volts
MAXIMUM REVERSE CURRENT (Ir @ 60V PIV)
TJ = 25 °C
TJ = 125 °C
Ir
.40
30
mA
SHD116223
SHD116223B


Similar Part No. - SHD116223

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116223 SENSITRON-SHD116223 Datasheet
157Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116223B SENSITRON-SHD116223B Datasheet
157Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD116223

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD106223 SENSITRON-SHD106223_08 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 175 쨘C Operating Temperature
SHD106223 SENSITRON-SHD106223 Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 175? C Operating Temperature
SHD124534 SENSITRON-SHD124534 Datasheet
58Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 200째C Operating Temperature
SHD125634 SENSITRON-SHD125634 Datasheet
65Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD119234 SENSITRON-SHD119234_08 Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD141234 SENSITRON-SHD141234 Datasheet
59Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD148234 SENSITRON-SHD148234_09 Datasheet
61Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD141234 SENSITRON-SHD141234_06 Datasheet
59Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD119234 SENSITRON-SHD119234_11 Datasheet
102Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200C Operating Temperature
SHD148234 SENSITRON-SHD148234 Datasheet
168Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com