Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMFL2805D Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # SMFL2805D
Description  Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2805D Datasheet(HTML) 4 Page - Interpoint Corporation Company

  SMFL2805D Datasheet HTML 1Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 2Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 3Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 4Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 5Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 6Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 7Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 8Page - Interpoint Corporation Company SMFL2805D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Figure 3: Pin Out
Angled corner indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
TOP VIEW
SMFL
(Pin side, marked side)
See cases u and V for dimensions.
Case V has the same pin out.
pin out
pin
single output
dual output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Triple (TR1)
Triple (TR1)
4
Inhibit 1 (INH1)
Inhibit 1 (INH1)
5
Sync Out
Sync Out
6
Sync In
Sync In
7
Positive Output
Positive Output
8
Output Common Output Common
9
Sense Return
Negative Output
10
Positive Sense
No connection
11
Slave
Slave
12
Master/Inhibit 2
Master/Inhibit 2
pins not in use
pin description
action
3
TR1
Leave unconnected
4
Inhibit 1 (INH1)
Leave unconnected
5
Sync Out
Leave unconnected
6
Sync In
Connect to Input
Common
9
Sense Return
Connect to appropriate
outputs
10
Positive Sense
Connect to appropriate
outputs
11
Slave
Leave unconnected
12
Master/Inhibit 2
Leave unconnected
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 4 of 15
sMFL single and dual dc/dc converters
28 VoLt input – 65 Watt
SMFL Rev K - 20101209


Similar Part No. - SMFL2805D

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL2805D/HO INTERPION-SMFL2805D/HO Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFL2805D/HO CRANE-SMFL2805D/HO Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFL2805D/KR INTERPOINT-SMFL2805D/KR Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL2805D/KR INTERPOINT-SMFL2805D/KR Datasheet
332Kb / 15P
   SMFL Single and Dual DC-DC Converters
More results

Similar Description - SMFL2805D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Anaren Microwave
MSK5980RH ANAREN-MSK5980RH Datasheet
408Kb / 9P
   MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
logo
Advanced XTAL Products
AXIOM6060 AXTAL-AXIOM6060 Datasheet
312Kb / 14P
   Qualified according to MIL-PRF-55310 Level ?쏶?
logo
M.S. Kennedy Corporatio...
MSK032 MSK-MSK032_15 Datasheet
378Kb / 5P
   Contact MSK for MIL-PRF-38534 Qualification Status
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com