Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD200SD15A Datasheet(PDF) 2 Page - Sensitron

Part # SD200SD15A
Description  SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD200SD15A Datasheet(HTML) 2 Page - Sensitron

  SD200SD15A Datasheet HTML 1Page - Sensitron SD200SD15A Datasheet HTML 2Page - Sensitron SD200SD15A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD200SD15A/B/C
Data Sheet 4940, Rev. A
Mechanical Dimensions: In Inches / mm
Bottom side metalization Ag - 30 kÅ minimum.
Top side metalization Al - 25 kÅ minimum
or Ag - 30 kÅ minimum.
Bottom side is cathode, top side is anode.
Dimension H = 0.0105 ± 0.001 (0.27
± 0.026) for Al top;
Dimension H = 0.0155 ± 0.001 (0.39
± 0.026) for Ag top.
H
0.191
± 0.003
(4.85
± 0.077)
0.200
± 0.003
(5.08
± 0.077)
0.0
0.1
0.2
0.3
0.4
Forward Voltage Drop - V
F (V)
10
-1
10
0
10
1
Typical Forward Characteristics
75¡æ
100¡æ
25¡æ
02
46
8
10
12
14
16
Reverse Voltage - V
R (V)
10
0
10
1
10
2
Typical Reverse Characteristics
25¡æ
50¡æ
75¡æ
100¡æ
0
2
4
6
8
10
121416
1820
Reverse Voltage - V
R (V)
2000
2500
3000
3500
Typical Junction Capacitance
25¡æ


Similar Part No. - SD200SD15A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD200SD15A SENSITRON-SD200SD15A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
More results

Similar Description - SD200SD15A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD125SD15A SENSITRON-SD125SD15A Datasheet
187Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD060SD15A SENSITRON-SD060SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD125SE45A SENSITRON-SD125SE45A Datasheet
187Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD125SE30A SENSITRON-SD125SE30A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD175SD15A SENSITRON-SD175SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD040SD15A SENSITRON-SD040SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SHD116222 SENSITRON-SHD116222 Datasheet
165Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD040SE45A SENSITRON-SD040SE45A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD200SE45A SENSITRON-SD200SE45A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD090SD15A SENSITRON-SD090SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD175SE45A SENSITRON-SD175SE45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com