Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4663 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA4663
Description  Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4663 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA4663 Datasheet HTML 2Page - Sanyo Semicon Device LA4663 Datasheet HTML 3Page - Sanyo Semicon Device LA4663 Datasheet HTML 4Page - Sanyo Semicon Device LA4663 Datasheet HTML 5Page - Sanyo Semicon Device LA4663 Datasheet HTML 6Page - Sanyo Semicon Device LA4663 Datasheet HTML 7Page - Sanyo Semicon Device LA4663 Datasheet HTML 8Page - Sanyo Semicon Device LA4663 Datasheet HTML 9Page - Sanyo Semicon Device LA4663 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
External Components
C1 and C2
• These are input coupling capacitors, and we recommend that values under 4.7 µF be used. The LA4663 uses a zero
bias type input circuit, and the input pin potential is about zero volts. Determine the polarity orientation of these
capacitors based on the DC current from the circuit connected to the LA4663 front end.
If the potential difference between across the + and – leads on the input capacitors is large, the charge time for the
input capacitors can be reduced by using as small a value as possible without causing degradation of the low band
frequency characteristics. This will shorten the time required to reach stable operation when power is first applied.
C3 *1
• This capacitor functions both as a ripple filter and as the amplifier starting time capacitor. We recommend a value of
47 µF. When the recommended value is used, the BTL SVRR between outputs will be about 63 dB, and that between
the outputs and ground will be about 47 dB. (These are values are for reference purposes.) Similarly, the starting time
(the time between the point power is first applied and the point an output is generated) will be around 0.6 to 0.7
seconds.
C4 and R1 *2
• These form an CR circuit used for muting function smoothing. C4 is required even if the muting function is not used.
C5
• Power supply capacitor
C6 to C9 and R2 to R5
• These components for oscillation prevention CR circuits. We recommend the use of polyester film capacitors (Mylar
capacitors) with excellent temperature characteristics for C6 through C9. (R2 to R5 should all be 2.2-
Ω 1/4-W
resistors.)
Notes: 1. Starting time
• The LA4663 includes a built-in starting time circuit. The starting time can be varied somewhat by modifying
the value of the external capacitor connected to pin 1. With the recommended value of 47 µF, the starting time
will be between 0.6 and 0.7 second (although this will vary with the supply voltage, VCC) and this time can be
lengthened to about 0.9 second by inserting a 10 µF capacitor in parallel.
• We do not recommend using a value smaller than the recommended value for the pin 1 capacitor, since that
could result in reducing the SVRR with respect to ground.
2. Signal muting function
• When the recommended CR circuit (10 µF and 22 k
Ω) is connected to pin 6, the signal muting function can be
turned on, and a muting function with minimal impulse noise applied by applying a voltage of 5V.
• The CR circuit determines the attack and recovery times for smoothing function. Note that this 10-µF capacitor
is required even when the signal muting function is not used, since it is also used for smoothing after the
starting time has elapsed.The influx current to pin 6 when this external resistor has a value of
22 k
Ω will be about 170 µA when the applied voltage is +5
V. Although it is possible to modify the value of this resistor
if a different applied voltage or if the capacity of the
microcontroller required it, it is possible for the level of the
impulse noise associated with the muting function to increase
if the pin 6 influx current becomes excessive. Be sure to take
this influx current into account if the value of this resistor is
modified.
No. 5905-6/10
LA4663
+
6
+5 V
22 k
10
µF
I
About 1.56 V
A10631


Similar Part No. - LA4663

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
   Two- channel Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
More results

Similar Description - LA4663

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4632 SANYO-LA4632 Datasheet
78Kb / 8P
   10 W Two-Channel BTL AF Power Amplifier for Audio Applications
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
logo
Sanyo Semicon Device
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
   For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
logo
NXP Semiconductors
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
logo
Sanyo Semicon Device
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
   Four-Channel 45 W BTL Car Audio Power Amplifier
logo
NXP Semiconductors
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com