Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB80PF55 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB80PF55
Description  P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80PF55 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB80PF55 Datasheet HTML 4Page - STMicroelectronics STB80PF55 Datasheet HTML 5Page - STMicroelectronics STB80PF55 Datasheet HTML 6Page - STMicroelectronics STB80PF55 Datasheet HTML 7Page - STMicroelectronics STB80PF55 Datasheet HTML 8Page - STMicroelectronics STB80PF55 Datasheet HTML 9Page - STMicroelectronics STB80PF55 Datasheet HTML 10Page - STMicroelectronics STB80PF55 Datasheet HTML 11Page - STMicroelectronics STB80PF55 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Test circuits
STB80PF55, STP80PF55
8/16
Doc ID 8177 Rev 6
3
Test circuits
Figure 14.
Switching times test circuit for
resistive load
Figure 15.
Gate charge test circuit
Figure 16.
Test circuit for inductive load
switching and diode recovery times


Similar Part No. - STB80PF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80PF55 STMICROELECTRONICS-STB80PF55 Datasheet
175Kb / 7P
   P-CHANNEL 55V - 0.016 ohm - 80A D2PAK STripFET??II POWER MOSFET
STB80PF55 STMICROELECTRONICS-STB80PF55 Datasheet
251Kb / 13P
   P-channel 55V - 0.016廓 - 80A - TO-220 - D2PAK STripFET??II Power MOSFET
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
   P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
STB80PF55 STMICROELECTRONICS-STB80PF55_06 Datasheet
251Kb / 13P
   P-channel 55V - 0.016廓 - 80A - TO-220 - D2PAK STripFET??II Power MOSFET
More results

Similar Description - STB80PF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
   P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
   N-channel 55 V, 0.0060 廓, 80 A, TO-220, D2PAK STripFET??II Power MOSFET
STB80PF55 STMICROELECTRONICS-STB80PF55_06 Datasheet
251Kb / 13P
   P-channel 55V - 0.016廓 - 80A - TO-220 - D2PAK STripFET??II Power MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
   N-channel 55 V, 0.0062 廓, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
STB45NF06 STMICROELECTRONICS-STB45NF06_10 Datasheet
362Kb / 15P
   N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
STB45NF06T4 STMICROELECTRONICS-STB45NF06T4 Datasheet
362Kb / 15P
   N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
STB76NF80 STMICROELECTRONICS-STB76NF80 Datasheet
673Kb / 13P
   N-channel 80 V, 0.0095 廓, 80 A D2PAK STripFET??II Power MOSFET
STB80NF10 STMICROELECTRONICS-STB80NF10_09 Datasheet
585Kb / 14P
   N-channel 100 V, 0.012 廓, 80 A, TO-220, D2PAK low gate charge STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com