Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB80NF03L-04T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB80NF03L-04T4
Description  N-channel 30 V, 0.0035 廓, 80 A D2PAK STripFET??II Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF03L-04T4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB80NF03L-04T4 Datasheet HTML 1Page - STMicroelectronics STB80NF03L-04T4 Datasheet HTML 2Page - STMicroelectronics STB80NF03L-04T4 Datasheet HTML 3Page - STMicroelectronics STB80NF03L-04T4 Datasheet HTML 4Page - STMicroelectronics STB80NF03L-04T4 Datasheet HTML 5Page - STMicroelectronics STB80NF03L-04T4 Datasheet HTML 6Page - STMicroelectronics STB80NF03L-04T4 Datasheet HTML 7Page - STMicroelectronics STB80NF03L-04T4 Datasheet HTML 8Page - STMicroelectronics STB80NF03L-04T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
April 2009
Doc ID 8479 Rev 4
1/13
13
STB80NF03L-04T4
N-channel 30 V, 0.0035
Ω, 80 A D2PAK
STripFET™ II Power MOSFET
Features
Exceptional dv/dt capability
100% avalanche tested
Low threshold drive
Application
Switching applications
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “single feature size”
stripbased process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STB80NF03L-04T4
30 V
< 0.004
80 A
1
3
D²PAK
Table 1.
Device summary
Order code
Marking
Package
Packaging
STB80NF03L-04T4
80NF03L-04
D²PAK
Tape and reel
www.st.com


Similar Part No. - STB80NF03L-04T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF03L-04T4 STMICROELECTRONICS-STB80NF03L-04T4 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB80NF03L-04T4 STMICROELECTRONICS-STB80NF03L-04T4 Datasheet
363Kb / 11P
   N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
More results

Similar Description - STB80NF03L-04T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB76NF80 STMICROELECTRONICS-STB76NF80 Datasheet
673Kb / 13P
   N-channel 80 V, 0.0095 廓, 80 A D2PAK STripFET??II Power MOSFET
STK28N3LLH5 STMICROELECTRONICS-STK28N3LLH5 Datasheet
336Kb / 13P
   N-channel 30 V, 0.0035 廓, 28 A, PolarPAK짰 STripFET?줧 Power MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
   N-channel 55 V, 0.0060 廓, 80 A, TO-220, D2PAK STripFET??II Power MOSFET
STD100N3LF3 STMICROELECTRONICS-STD100N3LF3_09 Datasheet
337Kb / 14P
   N-channel 30 V, 0.0045 廓, 80 A, DPAK planar STripFET??II Power MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
   N-channel 55 V, 0.0062 廓, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
STB150NF04 STMICROELECTRONICS-STB150NF04 Datasheet
395Kb / 11P
   N-channel 40 V - 0.005 廓 - 80 A - D2PAK STripFET?줚I Power MOSFET
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
   N-channel 40V - 0.0035廓 - 120A - D2PAK - TO-220 planar STripFET??Power MOSFET
STB80NF10 STMICROELECTRONICS-STB80NF10_09 Datasheet
585Kb / 14P
   N-channel 100 V, 0.012 廓, 80 A, TO-220, D2PAK low gate charge STripFET??II Power MOSFET
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
   N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STI55NF03L STMICROELECTRONICS-STI55NF03L Datasheet
448Kb / 12P
   N-channel 30 V, 0.01 廓, 55 A, I짼PAK STripFET??II Power MOSFET
May 2011 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com