Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5429 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N5429
Description  Bipolar NPN Device in a Hermetically sealed TO66
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5429 Datasheet(HTML) 1 Page - Seme LAB

  2N5429 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N5429
Bipolar NPN Device.
V
CEO =
80V
I
C = 7A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
7
A
h
FE
@ 2/2 (V
CE / IC)
30
120
-
f
t
30M
Hz
P
D
40
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
TO66 (TO213AA)
PINOUTS
1 – Base
2 – Emitter
Case – Collector
Bipolar NPN Device in a
Hermetically sealed TO66
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
3.68
(0.145) rad.
max.
3.61 (0.142)
4.08(0.161)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
1
2


Similar Part No. - 2N5429

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5429 MOSPEC-2N5429 Datasheet
132Kb / 3P
   POWER TRANSISTORS(7A,40W)
logo
Central Semiconductor C...
2N5429 CENTRAL-2N5429 Datasheet
51Kb / 1P
   Power Transistors
logo
Inchange Semiconductor ...
2N5429 ISC-2N5429 Datasheet
49Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2N5429 SAVANTIC-2N5429 Datasheet
115Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N5429 NJSEMI-2N5429 Datasheet
176Kb / 1P
   COLLECTOR EMITTER VOLTAGE
More results

Similar Description - 2N5429

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3585 SEME-LAB-2N3585 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N5612 SEME-LAB-2N5612 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
MJ4032 SEME-LAB-MJ4032 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N6536 SEME-LAB-2N6536 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N4232A SEME-LAB-2N4232A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N4233 SEME-LAB-2N4233 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N6235X SEME-LAB-2N6235X Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
BUX67A SEME-LAB-BUX67A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N6372 SEME-LAB-2N6372 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N5428 SEME-LAB-2N5428 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com