Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6328 Datasheet(PDF) 3 Page - Sensitron

Part # 1N6328
Description  ZENER 500mW VOLTAGE REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N6328 Datasheet(HTML) 3 Page - Sensitron

  1N6328 Datasheet HTML 1Page - Sensitron 1N6328 Datasheet HTML 2Page - Sensitron 1N6328 Datasheet HTML 3Page - Sensitron 1N6328 Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5102, REV. -
MECHANICAL DIMENSIONS: Zener 500mW MELF Package: In Inches / mm
1N6309 to 1N6355
1N6309US to 1N6355US


Similar Part No. - 1N6328

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6328 MICROSEMI-1N6328 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
logo
New Jersey Semi-Conduct...
1N6328 NJSEMI-1N6328 Datasheet
255Kb / 1P
   1/2 WATT ZENER DIODES , DO-35 HARD GLASS PACKAGE
logo
Digitron Semiconductors
1N6328 DIGITRON-1N6328 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6328 MICROSEMI-1N6328 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
1N6328C MICROSEMI-1N6328C Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
More results

Similar Description - 1N6328

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5221-LCC3 SEME-LAB-1N5221-LCC3 Datasheet
80Kb / 2P
   500mW ZENER VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
BZV79C2V0 TSC-BZV79C2V0 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
BZV79C2V4 TSC-BZV79C2V4 Datasheet
152Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
logo
AiT Semiconductor Inc.
BZT52C2V0 AITSEMI-BZT52C2V0 Datasheet
405Kb / 6P
   ZENER DIODE 500mW, ZENER VOLTAGE 2.0V TO 75V
REV2.0
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com