Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST3DV520 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3DV520
Description  High bandwidth analog switch with 16-to-8 bit MUX/DEMUX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520 Datasheet(HTML) 3 Page - STMicroelectronics

  ST3DV520 Datasheet HTML 1Page - STMicroelectronics ST3DV520 Datasheet HTML 2Page - STMicroelectronics ST3DV520 Datasheet HTML 3Page - STMicroelectronics ST3DV520 Datasheet HTML 4Page - STMicroelectronics ST3DV520 Datasheet HTML 5Page - STMicroelectronics ST3DV520 Datasheet HTML 6Page - STMicroelectronics ST3DV520 Datasheet HTML 7Page - STMicroelectronics ST3DV520 Datasheet HTML 8Page - STMicroelectronics ST3DV520 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST3DV520
Pin description
3/10
Figure 2.
Input equivalent circuit
Table 3.
Switch function table
SE
Function
L
8 bit bus to 8 bit multiplexed bus 0
H
8 bit bus to 8 bit multiplexed bus 1
AM00755V1


Similar Part No. - ST3DV520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3DV520A STMICROELECTRONICS-ST3DV520A Datasheet
457Kb / 21P
   High bandwidth switch with 20- to 10-bit MUX/DEMUX
ST3DV520AQTR STMICROELECTRONICS-ST3DV520AQTR Datasheet
457Kb / 21P
   High bandwidth switch with 20- to 10-bit MUX/DEMUX
ST3DV520E STMICROELECTRONICS-ST3DV520E Datasheet
427Kb / 19P
   MUX/DEMUX for 4 differential channel LVDS and DDC
ST3DV520EQTR STMICROELECTRONICS-ST3DV520EQTR Datasheet
427Kb / 19P
   MUX/DEMUX for 4 differential channel LVDS and DDC
More results

Similar Description - ST3DV520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3DV520A STMICROELECTRONICS-ST3DV520A Datasheet
457Kb / 21P
   High bandwidth switch with 20- to 10-bit MUX/DEMUX
logo
Pericom Semiconductor C...
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
   3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
logo
ON Semiconductor
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
Pericom Semiconductor C...
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
   3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
PI3L301D PERICOM-PI3L301D Datasheet
426Kb / 9P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
Integrated Device Techn...
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
   16-BIT 2:1 MUX/DEMUX SWITCH
logo
Renesas Technology Corp
IDT74FST163233 RENESAS-IDT74FST163233 Datasheet
528Kb / 8P
   16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
logo
Pericom Semiconductor C...
PI3L301D PERICOM-PI3L301D_13 Datasheet
511Kb / 8P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
Integrated Device Techn...
IDTQS3VH16233 IDT-IDTQS3VH16233 Datasheet
85Kb / 8P
   2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com