Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1S12GR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1S12GR
Description  Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S12GR Datasheet(HTML) 1 Page - STMicroelectronics

  ST1S12GR Datasheet HTML 1Page - STMicroelectronics ST1S12GR Datasheet HTML 2Page - STMicroelectronics ST1S12GR Datasheet HTML 3Page - STMicroelectronics ST1S12GR Datasheet HTML 4Page - STMicroelectronics ST1S12GR Datasheet HTML 5Page - STMicroelectronics ST1S12GR Datasheet HTML 6Page - STMicroelectronics ST1S12GR Datasheet HTML 7Page - STMicroelectronics ST1S12GR Datasheet HTML 8Page - STMicroelectronics ST1S12GR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
February 2010
Doc ID 14314 Rev 3
1/20
20
ST1S12XX
ST1S12XX12, ST1S12XX18
Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or
adjustable step-down switching regulator in TSOT23-5L
Features
Step-down current mode PWM (1.7 MHz) DC-
DC converter
3% DC output voltage tolerance
Synchronous rectification
Fixed output voltage 1.2 V, 1.8 V, and ADJ
(available on request 1.5 V, 2.5 V and 3.3 V)
Enable function
Internal soft start
Typical efficiency: > 90%
0.7 A output current capability
Not switching quiescent current: max 600 µA
over temperature range
RDSON typ. 250 mΩ and 400 mΩ
Uses tiny capacitors and inductors
Operative junction temp. -40°C to 125°C
Available in TSOT23-5L package
Description
The ST1S12Gxx is a step down DC-DC converter
optimized for powering low-voltage digital cores in
HDD applications and, generally, to replace the
high current linear solution when the power
dissipation may cause high heating of the
application environment. It provides up to 0.7 A
over an input voltage range of 2.5 V to 5.5 V. A
high switching frequency (1.7 MHz) allows the
use of tiny surface-mount components. In addition
to the resistor divider to set the output voltage
value, only an inductor and two capacitors are
required. Moreover, a low output ripple is
guaranteed by the current mode PWM topology
and by the use of low ESR SMD ceramic
capacitors. The device is thermally protected and
the current is limited to prevent damage due to
accidental short-circuit. The ST1S12Gxx is
available in the TSOT23-5L package.
TSOT23-5L
Table 1.
Device summary
Part numbers
Order codes
Package
ST1S12XX
ST1S12GR
TSOT23-5L
ST1S12XX12
ST1S12G12R
TSOT23-5L
ST1S12XX18
ST1S12G18R
TSOT23-5L
www.st.com


Similar Part No. - ST1S12GR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S12GR STMICROELECTRONICS-ST1S12GR Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
More results

Similar Description - ST1S12GR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S12XX STMICROELECTRONICS-ST1S12XX Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST1S06 STMICROELECTRONICS-ST1S06 Datasheet
502Kb / 19P
   Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
L5980 STMICROELECTRONICS-L5980_08 Datasheet
1Mb / 37P
   0.7 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com