Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F0253502VZA Datasheet(PDF) 6 Page - STMicroelectronics

Part # 5962F0253502VZA
Description  Rad-hard positive fixed voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

5962F0253502VZA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 5962F0253502VZA Datasheet HTML 2Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 3Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 4Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 5Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 6Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 7Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 8Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 9Page - STMicroelectronics 5962F0253502VZA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
6/19
Doc ID 10004 Rev 11
4
Electrical characteristics
TJ = 25 °C, VI = VO + 2.5 V, CI = CO = 1 µF, unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Operating input voltage
IO = 2 A (Flat-16) or 3A (SMD.5 & TO-257)
12
V
VO
Output voltage accuracy VI = VO+2.5V, IO = 5mA
-2
2
%
ISHORT
Output current limit (1)
Adjustable by mask/external resistor
4.5
A
VO
Operating output voltage IO = 2 A, 2.5 V output voltage
2.45
2.55
V
VO
Operating output voltage IO = 2 A, 3.3 V output voltage
3.23
3.37
V
VO
Operating output voltage IO = 2 A, 5.0 V output voltage
4.9
5.1
V
ΔV
O/ΔVI
Line regulation
VI = VO+2.5V to 12 V, IO = 5mA (+25°C)
0.3
%
VI = VO+2.5V to 12 V, IO = 5mA (-55°C)
0.4
%
VI = VO+2.5V to 12 V, IO = 5mA (+125°C)
0.4
%
ΔV
O/ΔVO
Load regulation
VI = VO+2.5V, IO = 5mA to 400 mA
(+25°C)
0.2
%
VI = VO+2.5V, IO = 5mA to 400 mA (-55°C)
0.3
%
VI = VO+2.5V, IO = 5mA to 400 mA
(+125°C)
0.3
%
VI = VO+2.5V, IO = 5mA to 1A (+25°C)
0.3
%
VI = VO+2.5V, IO = 5mA to 1A (-55°C)
0.4
%
VI = VO+2.5V, IO = 5mA to 1A (+125°C)
0.4
%
ZOUT
Output impedance
IO = 100 mA DC and 20 mA rms
100
m
Ω
Iq
Quiescent current
VI = VO+2.5V, IO = 30mA, on mode
8
mA
VI = VO+2.5V, IO = 300mA, on mode
25
VI = VO+2.5V, IO = 1A, on mode
60
VI = VO+2.5V, IO = 3A, on mode
(only for SMD.5 and TO-257)
150
VI = VO+2V, VINH = 2.4V, off mode
1
Iq
Quiescent current
VI =VO+2.5V, IO=1A, TJ=+125°C, on mode
40
mA
VI =VO+2.5V, IO=1A, TJ=-55°C, on mode
100


Similar Part No. - 5962F0253502VZA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
5962F0253502VZA STMICROELECTRONICS-5962F0253502VZA Datasheet
185Kb / 11P
   RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
5962F0253502VZA STMICROELECTRONICS-5962F0253502VZA Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - 5962F0253502VZA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913 Datasheet
185Kb / 11P
   RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
   RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com