Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F0253502VYA Datasheet(PDF) 1 Page - STMicroelectronics

Part # 5962F0253502VYA
Description  Rad-hard positive fixed voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

5962F0253502VYA Datasheet(HTML) 1 Page - STMicroelectronics

  5962F0253502VYA Datasheet HTML 1Page - STMicroelectronics 5962F0253502VYA Datasheet HTML 2Page - STMicroelectronics 5962F0253502VYA Datasheet HTML 3Page - STMicroelectronics 5962F0253502VYA Datasheet HTML 4Page - STMicroelectronics 5962F0253502VYA Datasheet HTML 5Page - STMicroelectronics 5962F0253502VYA Datasheet HTML 6Page - STMicroelectronics 5962F0253502VYA Datasheet HTML 7Page - STMicroelectronics 5962F0253502VYA Datasheet HTML 8Page - STMicroelectronics 5962F0253502VYA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
October 2010
Doc ID 10004 Rev 11
1/19
19
RHFL4913XX25
RHFL4913XX33 - RHFL4913XX50
Rad-hard positive fixed voltage regulator
Features
2 and 3 A low dropout voltage
Embedded overtemperature, overcurrent
protections
Adjustable current limitation
Output overload monitoring/signalling
Fixed 2.5 V, 3.3 V, 5.0 V output voltages
Inhibit (ON/OFF) TTL-compatible control
Programmable output short-circuit current
Remote sensing operation
Rad-hard: tested up to 300 krad Mil Std 883E
Method 1019.6 and low dose rate conditions
Heavy Ions SEL immune
Description
The RHFL4913 fixed is a high performance Rad-
hard positive voltage regulator family. Available
into various hermetic ceramic packages, it is
specifically intended for space and harsh radiation
environments. Input supply range is up to 12 V.
RHFL4913 fixed is QML-V qualified, DSCC SMD
are 5962F02534 / 02535 / 02536.
SMD.5
TO-257
Flat-16
Figure 1.
Block diagram for package SMD.5 and TO-257
www.st.com


Similar Part No. - 5962F0253502VYA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
5962F0253502VYA STMICROELECTRONICS-5962F0253502VYA Datasheet
185Kb / 11P
   RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
5962F0253502VYA STMICROELECTRONICS-5962F0253502VYA Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - 5962F0253502VYA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913 Datasheet
185Kb / 11P
   RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
   RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com