Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4236 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N4236
Description  Bipolar PNP Device in a Hermetically sealed TO39
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4236 Datasheet(HTML) 1 Page - Seme LAB

  2N4236 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N4236
Bipolar PNP Device.
V
CEO =
80V
I
C = 3A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
3
A
h
FE
@ 1/0.25 (V
CE / IC)
30
150
-
f
t
3M
Hz
P
D
6
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - 2N4236

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N4236 BOCA-2N4236 Datasheet
196Kb / 5P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Central Semiconductor C...
2N4236 CENTRAL-2N4236 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
List of Unclassifed Man...
2N4236 ETC-2N4236 Datasheet
347Kb / 8P
   Power Transistors
logo
Microsemi Corporation
2N4236 MICROSEMI-2N4236 Datasheet
56Kb / 2P
   NPN POWER AMPLIFIER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4236 NJSEMI-2N4236 Datasheet
90Kb / 1P
   SI PNP POWER BJT
More results

Similar Description - 2N4236

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4239X SEME-LAB-2N4239X Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
BC303 SEME-LAB-BC303 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
BC461 SEME-LAB-BC461 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
2N4929 SEME-LAB-2N4929 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
2N4234 SEME-LAB-2N4234 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
2N4032 SEME-LAB-2N4032 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
BFT37A SEME-LAB-BFT37A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
BC303-6 SEME-LAB-BC303-6 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
BC304-4 SEME-LAB-BC304-4 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
2N5023S SEME-LAB-2N5023S Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com