Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6L13TU Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # SSM6L13TU
Description  TOSHIBA Field-Effect Transistor Silicon P / N Channel MOS Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6L13TU Datasheet(HTML) 7 Page - Toshiba Semiconductor

  SSM6L13TU Datasheet HTML 1Page - Toshiba Semiconductor SSM6L13TU Datasheet HTML 2Page - Toshiba Semiconductor SSM6L13TU Datasheet HTML 3Page - Toshiba Semiconductor SSM6L13TU Datasheet HTML 4Page - Toshiba Semiconductor SSM6L13TU Datasheet HTML 5Page - Toshiba Semiconductor SSM6L13TU Datasheet HTML 6Page - Toshiba Semiconductor SSM6L13TU Datasheet HTML 7Page - Toshiba Semiconductor SSM6L13TU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SSM6L13TU
2010-07-10
7
Q2 Data
|Yfs| - ID
0.1
1.0
10.0
-0.01
-0.1
-1
-10
ドレイン電流
ID (A)
ソース接地
VDS=-3V
Ta=25℃
C - VDS
10
100
1000
-0.1
-1
-10
-100
ドレイン・ソース間電圧
VDS (V)
Ciss
Coss
Crss
ソース接地
VGS=0V
f=1MHz
Ta=25℃
Ta=85°C
25°C
-25°C
t - ID
1
10
100
1000
-0.01
-0.1
-1
-10
ドレイン電流 ID (A)
toff
tr
ton
tf
ソース接地
VDD=-10V
VGS=0~-2.5V
Ta=25℃
IDR - VDS
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
ドレイン・ソース間電圧 VDS (V)
ソース接地
VGS=0V
Ta=25℃
Ta=85°C
25°C
-25°C
PD - Ta
0
200
400
600
800
1000
0
20
40
60
80 100 120 140 160
周囲温度 Ta(℃)
①FR4基板実装時
(25.4mm×25.4mm×1.6t)
Cu Pad :645mm2
②セラミック基板実装時
(25.4mm×25.4mm×0.8t)
Cu Pad :645mm2
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Single pulse
a : Mounted on ceramic board
(25.4mm×25.4mm×0.8mm)
Cu Pad :25.4mm×25.4mm
b : Mounted on FR4 board
(25.4mm×25.4mm×1.6mm)
Cu Pad :25.4mm×25.4mm
c : Mounted on FR4 board
(25.4mm×25.4mm×1.6mm)
Cu Pad :0.45mm×0.8mm×3
a
b
c
Common Source
VDS = -3 V
Ta = 25°C
Pulse test
Common Source
VDD = -10 V
VGS = 0 to -2.5 V
Ta = 25 °C
RG = 4.7Ω
Drain current ID (A)
Drain current ID (A)
Drain–source voltage VDS (V)
Drain-source voltage VDS (V)
Common Source
Ta
= 25 °C
f
= 1 MHz
VGS = 0 V
Ambient temperature Ta (°C)
rth - tw
Pulse width tw (s)
(1): Mounted on FR4 board
(25.4mm
× 25.4mm × 1.6mm)
Cu Pad : 645 mm2)
(2): Mounted on ceramic board
(25.4mm
× 25.4mm × 0.8mm)
Cu Pad : 645 mm2)
Common Source
VGS=0V
Ta
= 25°C
Pulse test


Similar Part No. - SSM6L13TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6L13TU TOSHIBA-SSM6L13TU Datasheet
186Kb / 8P
   Power Management Switch Applications
SSM6L13TU TOSHIBA-SSM6L13TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM6L13TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6L09FU TOSHIBA-SSM6L09FU Datasheet
203Kb / 8P
   TOSHIBA Field Effect Transistor Silicon N/P Channel MOS Type
SSM6L05FU TOSHIBA-SSM6L05FU Datasheet
205Kb / 8P
   TOSHIBA Field Effect Transistor Silicon N/P Channel MOS Type
SSM3J02F TOSHIBA-SSM3J02F Datasheet
164Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J35MFV TOSHIBA-SSM3J35MFV Datasheet
256Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM6P49NU TOSHIBA-SSM6P49NU Datasheet
192Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J02T TOSHIBA-SSM3J02T Datasheet
147Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01T TOSHIBA-SSM3J01T Datasheet
169Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM5P05FU TOSHIBA-SSM5P05FU Datasheet
144Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J401TU TOSHIBA-SSM6J401TU Datasheet
224Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J117TU TOSHIBA-SSM3J117TU_V01 Datasheet
395Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
2015/01/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com