Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPBT2563C1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPBT2563C1
Description  Bluetooth??class 1 module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2563C1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPBT2563C1 Datasheet HTML 4Page - STMicroelectronics SPBT2563C1 Datasheet HTML 5Page - STMicroelectronics SPBT2563C1 Datasheet HTML 6Page - STMicroelectronics SPBT2563C1 Datasheet HTML 7Page - STMicroelectronics SPBT2563C1 Datasheet HTML 8Page - STMicroelectronics SPBT2563C1 Datasheet HTML 9Page - STMicroelectronics SPBT2563C1 Datasheet HTML 10Page - STMicroelectronics SPBT2563C1 Datasheet HTML 11Page - STMicroelectronics SPBT2563C1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Pin settings
SPBT2563C1
8/13
6
Pin settings
Table 5.
Pin description
Pin N°
Name
I/O
Description
Power / GND/enable
12
VCC
-
DC power input 3.3 ± 0.3 V
2GND
-
11
GND
-
3
Inhibit
I
Module inhibit pin , active low.
To be connected to VCC for module enabling ; if left open or
connected to GND the module is disabled
UART / SPI Interface / Selection
8
TXD
O
UART serial data output / SPI data out
5
RXD
I
UART serial data input / SPI data in
7
CTS
I
UART clear to send
/ SPI CK
6
RTS
O
UART request to send / SPI CSN
17
UART / SPI
I
UART / SPI selection
When connected to VCC UART is selected
When connected to GND or left open , SPI is selected
PCM interface
15
PCMIN
I
PCM data in
14
PCMOUT
O
PCM data output (tri-state capability)
13
PCMSYNC
I
PCM sync signal
16
PCMBCLK
I
PCM bit clock
RF interface
1
ANT
I/O
Antenna interface, 50
Ω impedance
G1
ANT_GND
-
Antenna Ground
G2
ANT_GND
-
Antenna Ground
System control and clock interface
4
RESET_N
I
Reset ( active low )
9
BT_WAKEUP
I
Wake-up signal to Bluetooth
10
HOST_WAKEUP
O
Wake-up signal to host
18
NC1
Spare signal (pin G7 of STLC2500C)
19
LP_CK_OUT
O
LP clock out
The 32.768 kHz low power clock is available at this pin
WLAN/BT coexistence
20
BT_PRIORITY
O
WLAN/BT coexistence function
21
WL_ACTIVE
I
WLAN/BT coexistence function
22
RF REQ1
O
pin E6 of STLC2500C


Similar Part No. - SPBT2563C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBT2532C2.AT STMICROELECTRONICS-SPBT2532C2.AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
SPBT2532C2.AT2 STMICROELECTRONICS-SPBT2532C2.AT2 Datasheet
561Kb / 27P
   Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
More results

Similar Description - SPBT2563C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
   Bluetooth class 1 module
logo
HANAMICRON
HBM1X1M HANAMICRON-HBM1X1M Datasheet
229Kb / 17P
   Bluetooth V1.2 Class 1 Module
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
logo
Laird Tech Smart Techno...
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
   Enhanced Class 1 Bluetooth v2.1 Module
BT740 LSTD-BT740 Datasheet
1Mb / 31P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
Texas Instruments
CC2560-SN2100 TI-CC2560-SN2100 Datasheet
37Kb / 2P
[Old version datasheet]   Bluetooth Class 1 Module from Murata
logo
List of Unclassifed Man...
BT740 ETC2-BT740 Datasheet
327Kb / 2P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
logo
Microchip Technology
RN41 MICROCHIP-RN41 Datasheet
654Kb / 28P
   Class 1 Bluetooth Module with EDR Support
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com