Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD84008TR-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD84008TR-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84008TR-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD84008TR-E Datasheet HTML 1Page - STMicroelectronics PD84008TR-E Datasheet HTML 2Page - STMicroelectronics PD84008TR-E Datasheet HTML 3Page - STMicroelectronics PD84008TR-E Datasheet HTML 4Page - STMicroelectronics PD84008TR-E Datasheet HTML 5Page - STMicroelectronics PD84008TR-E Datasheet HTML 6Page - STMicroelectronics PD84008TR-E Datasheet HTML 7Page - STMicroelectronics PD84008TR-E Datasheet HTML 8Page - STMicroelectronics PD84008TR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2007
Rev 1
1/15
15
PD84008-E
PD84008S-E
RF power transistor, LdmoST plastic family
N-channel enhancement-mode lateral MOSFETs
Features
Excellent thermal stability
Common source configuration
POUT = 8 W with 14.7 dB gain
@ 870 MHz / 7.5 V
Plastic package
ESD protection
In compliance with the 2002/95/EC european
directive
Description
The PD84008-E is a common source N-channel,
enhancement-mode lateral Field-Effect RF power
transistor. It is designed for high gain, broadband
commercial and industrial applications. It
operates at 13.6 V in common source mode at
frequencies of up to 1 GHz. PD84008-E boasts
the excellent gain, linearity and reliability of ST’s
latest LDMOS technology mounted in the first true
SMD plastic RF power package, PowerSO-10RF.
PD84008-E’s superior linearity performance
makes it an ideal solution for portable radio
applications.
The PowerSO-10 plastic package, designed to
offer high reliability, is the first ST JEDEC
approved, high power SMD package. It has been
specially optimized for RF needs and offers
excellent RF performances and ease of assembly.
Mounting recommendations are available in
www.st.com/rf/ (look for application note AN1294)
Figure 1.
Pin connection
PowerSO-10RF
(formed lead)
PowerSO-10RF
(straight lead)
Gate
Source
Drain
Table 1.
Device summary
Part number
Package
Packing
PD84008-E
PowerSO-10RF (formed lead)
Tube
PD84008S-E
PowerSO-10RF (straight lead)
Tube
PD84008TR-E
PowerSO-10RF (formed lead)
Tape and reel
PD84008STR-E
PowerSO-10RF (straight lead)
Tape and reel
www.st.com


Similar Part No. - PD84008TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD84008L-E STMICROELECTRONICS-PD84008L-E Datasheet
272Kb / 14P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
More results

Similar Description - PD84008TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com